Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
48
3.14.3
MII FEC Asynchronous Inputs Signal Timing
FEC_CRS and FEC_COL
Table 30 lists MII FEC asynchronous input signal timing.
Figure 31 shows MII FEC asynchronous input timing listed in Table 30.
Figure 31. MII FEC Asynchronous Inputs Timing Diagram
3.14.4
MII FEC Serial Management Channel Timing
FEC_MDIO and FEC_MDC
Table 31 lists MII FEC serial management channel timings. The FEC functions correctly with a maximum
FEC_MDC frequency of 2.5 MHz.
Figure 32 shows MII FEC serial management channel timings listed in Table 31.
Table 30. MII FEC Asynchronous Inputs Signal Timing
Spec
Characteristic
Min
Max
Unit
9
FEC_CRS, FEC_COL minimum pulse width
1.5
FEC_TX_CLK period
Table 31. MII FEC Serial Management Channel Timing
Spec
Characteristic
Min
Max
Unit
10
FEC_MDC falling-edge to FEC_MDIO output invalid
(minimum propagation delay)
0—
ns
11
FEC_MDC falling-edge to FEC_MDIO output valid
(maximum propagation delay)
—25
ns
12
FEC_MDIO (input) to FEC_MDC rising-edge setup
10
ns
13
FEC_MDIO (input) to FEC_MDC rising-edge hold
0
ns
14
FEC_MDC pulse-width high
40%
60%
FEC_MDC period
15
FEC_MDC pulse-width low
40%
60%
FEC_MDC period
FEC_CRS, FEC_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com