Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
46
3.14
Fast Ethernet AC Timing Specifications
Media Independent Interface (MII) Fast Ethernet Controller (FEC) signals use transistor-to-transistor logic
(TTL) signal levels compatible with devices operating at 3.3 V. The timing specifications for the MII FEC
signals are independent of the system clock frequency (part speed designation).
3.14.1
MII FEC Receive Signal Timing
FEC_RXD[3:0], FEC_RX_DV, FEC_RX_ER, and FEC_RX_CLK
The receive functions correctly up to an FEC_RX_CLK maximum frequency of 25 MHz plus one percent.
There is no minimum frequency requirement. The processor clock frequency must exceed four times the
FEC_RX_CLK frequency.
Table 28 lists MII FEC receive channel timings.
Figure 29 shows MII FEC receive signal timings listed in Table 28.
Figure 29. MII FEC Receive Signal Timing Diagram
Table 28. MII FEC Receive Signal Timing
Spec
Characteristic
Min
Max
Unit
1
FEC_RXD[3:0], FEC_RX_DV, FEC_RX_ER to FEC_RX_CLK setup
5
—
ns
2
FEC_RX_CLK to FEC_RXD[3:0], FEC_RX_DV, FEC_RX_ER hold
5
—
ns
3
FEC_RX_CLK pulse-width high
35%
65%
FEC_RX_CLK period
4
FEC_RX_CLK pulse-width low
35%
65%
FEC_RX_CLK period
M1
M2
FEC_RX_CLK (input)
FEC_RXD[3:0] (inputs)
FEC_RX_DV
FEC_RX_ER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com