Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
10
3.6
Voltage Regulator Controller (VRC) and
Power-On Reset (POR) Electrical Specifications
Table 6. VRC/POR Electrical Specifications
Spec
Characteristic
Symbol
Min
Max
Units
1
1.5 V (VDD) POR negated (ramp up)
1.5 V (VDD) POR asserted (ramp down)
V_POR15
1.1
1.1
1.35
1.35
V
2
3.3 V (VDDSYN) POR negated (ramp up)
3.3 V (VDDSYN) POR asserted (ramp down)
V_POR33
2.0
2.0
2.85
2.85
V
3
RESET pin supply (VDDEH6) POR negated (ramp up)
1
RESET pin supply (VDDEH6) POR asserted (ramp down)
1
1 V
IL_S (Table 9, Spec15) is guaranteed to scale with VDDEH6 down to V_POR5.
V_POR5
2.0
2.0
2.85
2.85
V
4VRC33 voltage before the regulator controller allows the pass
transistor to start turning on
V_TRANS_START
1.0
2.0
V
5VRC33 voltage when the regulator controller allows the pass
transistor to completely turn on2, 3
2 Supply full operating current for the 1.5 V supply when the 3.3 V supply reaches this range.
3 It is possible to reach the current limit during ramp up—do not treat this event as short circuit current.
V_TRANS_ON
2.0
2.85
V
6VRC33 voltage greater than the voltage at which the VRC
keeps the 1.5 V supply in regulation4, 5
4 At peak current for device.
5 Requires compliance with Freescale’s recommended board requirements and transistor recommendations. Board signal
traces/routing from the VRCCTL package signal to the base of the external pass transistor and between the emitter of the
pass transistor to the VDD package signals must have a maximum of 100 nH inductance and minimal resistance
(less than 1
Ω). V
RCCTL must have a nominal 1 μF phase compensation capacitor to ground. VDD must have a 20 μF
(nominal) bulk capacitor (greater than 4
μF over all conditions, including lifetime). Place high-frequency bypass capacitors
consisting of eight 0.01
μF, two 0.1 μF, and one 1 μF capacitors around the package on the V
DD supply signals.
V_VRC33REG
3.0
—
V
7
Current can be sourced by VRCCTL
I_VRCCTL
6
6 I_VRCCTL is measured at the following conditions: V
DD = 1.35 V, VRC33 = 3.1 V, V_VRCCTL = 2.2 V.
mA
– 40o C
11.0
—
mA
25o C
9.0
—
mA
150o C (Tj)
7.5
—
mA
8
Voltage differential during power up such that:
VDD33 can lag VDDSYN or VDDEH6, before VDDSYN and
VDDEH6 reach the V_POR33 and V_POR5 minimums
respectively.
VDD33_LAG
—
1.0
V
9
Absolute value of slew rate on power supply pins
—
50
V/ms
10
Required gain:
IDD / I_VRCCTL (@VDD = 1.35 V, fsys = fMAX)
5, 7
7 Values are based on IDD from high-use applications as explained in the IDD Electrical Specification.
BETA8
8 BETA is measured on a per-part basis and is calculated as (IDD
÷ I_VRCCTL), and represents the worst-case external
transistor BETA.
– 40o C
55.09
——
25o C
58.09
——
150o C (Tj)
70.09
500
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com