Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Mechanicals
Freescale Semiconductor
50
4
Mechanicals
4.1
Pinouts
4.1.1
MPC5553 416 PBGA Pinout
Figure 34, Figure 35, and Figure 36 show the pinout for the MPC5553 416 PBGA package. While the
MPC5553 and the MPC5554/MPC5565/MPC5566 are pin-compatible, the MPC5553 BGA is shown to
highlight the balls that are not connected to any signal on the MPC5553 (the eTPUB[0:31] and TSIZ[0:1]).
The alternate Fast Ethernet Controller (FEC) signals that are multiplexed with the data bus are not shown
for the MPC5553.
NOTE
Some pins have names that include functions that are not available on all
MPC55xx devices. For example, ball R25 of the 416 BGA package is named
‘SINA,’ but the MPC5553 does not have a DSPI A module. In this case, the
SINA pin can only be used for its alternate functions of GPIO[94] or
PCSC[2]. Refer to the specific device Reference Manual for functions
available on each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com