Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5553_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Ordering Information
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
3
2
Ordering Information
Figure 1. MPC5500 Family Part Number Example
Table 1. Orderable Part Numbers
Freescale Part Number1
Package Description
Speed (MHz)
Operating Temperature2
Nominal
Max3 (fMAX)
Min (TL)
Max (TH)
MPC5553MVR132
MPC5553 Lead-free 416 package
132
132
–40° C
125° C
MPC5553MVR112
112
114
MPC5553MVR80
80
82
MPC5553MVZ132
MPC5553 Lead-free 324 package
132
132
–40° C
125° C
MPC5553MVZ112
112
114
MPC5553MVZ80
80
82
MPC5553MVM132
MPC5553 Lead-free 208 package
132
132
–40° C
125° C
MPC5553MVM112
112
114
MPC5553MVM80
80
82
MPC5553MZP132
MPC5553 Lead 416 package
132
132
–40° C
125° C
MPC5553MZP112
112
114
MPC5553MZP80
80
82
MPC5553MZQ132
MPC5553 Lead 324 package
132
132
–40° C
125° C
MPC5553MZQ112
112
114
MPC5553MZQ80
80
82
MPC
M
80 R2
Qualification status
Core code
Device number
Temperature range
Package identifier
Operating frequency (MHz)
Tape and reel status
Temperature Range
M = –40° C to 125° C
Package Identifier
ZP = 416PBGA SnPb
VR = 416PBGA Pb-free
VF = 208MAPBGA SnPb
VM = 208MAPBGA Pb-free
ZQ = 324PBGA SnPb
VZ = 324PBGA Pb-free
Operating Frequency
80 = 80 MHz
112 = 112 MHz
132 = 132 MHz
Tape and Reel Status
R2 = Tape and seel
(blank) = Trays
Qualification Status
P = Pre qualification
M = Full spec qualified
5553
ZP
Note: Not all options are available on all devices. Refer to Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com