Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5553 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5553_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5553_07 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
23
3.11
H7Fa Flash Memory Electrical Characteristics
Spec
Table 14. Flash Program and Erase Specifications1
1 Typical program and erase times assume nominal supply values and operation at 25 oC.
Spec
Flash Program Characteristic
Symbol
Min
Typical
Initial
Max2
2 Initial factory condition:
≤ 100 program/erase cycles, 25 oC, typical supply voltage, 80 MHz minimum system frequency.
Max3
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is characterized
but not guaranteed.
Unit
3
Doubleword (64 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
Tdwprogram
—10
500
μs
4
Page program time4
Tpprogram
—22
445
5 Page size is 256 bits (8 words).
500
μs
7
16 Kbyte block pre-program and erase time
T16kpperase
325
525
5000
ms
9
48 Kbyte block pre-program and erase time
T48kpperase
435
525
5000
ms
10
64 Kbyte block pre-program and erase time
T64kpperase
525
675
5000
ms
8
128 Kbyte block pre-program and erase time
T128kpperase
675
1800
15,000
ms
11
Minimum operating frequency for program and erase
operations6
6 Read frequency of the flash can be up to the maximum operating frequency of the device. There is no minimum read frequency
condition.
—25
MHz
Table 15. Flash EEPROM Module Life (Full Temperature Range)
Spec
Characteristic
Symbol
Min
Typical1
1 Typical endurance is evaluated at 25o C. Product qualification is performed to the minimum specification. For additional
information on the Freescale definition of typical endurance, refer to engineering bulletin EB619 Typical Endurance for
Nonvolatile Memory.
Unit
1a
Number of program/erase cycles per block for 16 Kbyte, 48 Kbyte, and
64 Kbyte blocks over the operating temperature range (TJ)
P/E
100,000
cycles
1b
Number of program/erase cycles per block for 128 Kbyte blocks over the
operating temperature range (TJ)
P/E
10,000
100,000
cycles
2
Data retention
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–100,000 P/E cycles
Retention
20
5
—years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com