Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
OPA2863
SBOS982A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10 Power Supply Recommendations
The OPAx863 devices are intended for operation on supplies ranging from 2.7 V to 12.6 V. The OPAx863
devices may operate on single-sided supplies, split and balanced bipolar supplies, or unbalanced bipolar
supplies. Operating from a single supply can have numerous advantages. With the negative supply at ground,
the DC errors due to the –PSRR term can be minimized. Typically, AC performance improves slightly at 10-V
operation with minimal increase in supply current. Minimize the distance (< 0.1 in) from the power supply pins to
high-frequency, 0.01-µF decoupling capacitors. A larger capacitor (2.2 µF typical) is used along with a high-
frequency, 0.01-µF supply-decoupling capacitor at the device supply pins. For single-supply operation, only the
positive supply has these capacitors. When a split-supply is used, use these capacitors from each supply to
ground. If necessary, place the larger capacitors further from the device and share these capacitors among
several devices in the same area of the printed circuit board (PCB). An optional supply decoupling capacitor
across the two power supplies (for split-supply operation) reduces second harmonic distortion.
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier like the OPAx863 devices require careful
attention to board layout parasitics and external component types. The OPA2863EVM can be used as a
reference when designing the circuit board. Recommendations that optimize performance include:
1. Minimize parasitic capacitance to any AC ground for all of the signal I/O pins. Parasitic capacitance on the
output and inverting input pins can cause instability—on the noninverting input, it can react with the source
impedance to cause unintentional band-limiting. To reduce unwanted capacitance, open a window around
the signal I/O pins in all of the ground and power planes around those pins. Otherwise, ground and power
planes must be unbroken elsewhere on the board.
2. Minimize the distance (< 0.1 in) from the power-supply pins to high-frequency 0.01-µF decoupling
capacitors. At the device pins, do not allow the ground and power plane layout to be in close proximity to the
signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the pins and the
decoupling capacitors. The power-supply connections must always be decoupled with these capacitors.
Larger (2.2-µF to 6.8-µF) decoupling capacitors, effective at lower frequency, must also be used on the
supply pins. These can be placed somewhat farther from the device and shared among several devices in
the same area of the PC board.
3. Careful selection and placement of external components preserve the high frequency performance of
the OPAx863 devices. Resistors must be a low reactance type. Surface-mount resistors work best and
allow a tighter overall layout. Metal film and carbon composition axially leaded resistors can also provide
good high frequency performance. Again, keep their leads and PCB trace length as short as possible. Never
use wirewound type resistors in a high frequency application. Because the output pin and inverting input pin
are the most sensitive to parasitic capacitance, always position the feedback and series output resistor, if
any, as close as possible to the output pin. Other network components, such as noninverting input
termination resistors, must also be placed close to the package. Even with a low parasitic capacitance
shunting the external resistors, excessively high resistor values can create significant time constants that can
degrade performance. Good axial metal film or surface mount resistors have approximately 0.2 pF in shunt
with the resistor. For resistor values > 10 kΩ, this parasitic capacitance can add a pole or zero close to the
GBWP of 50 MHz and subsequently affects circuit operation. Keep resistor values as low as possible
consistent with load driving considerations. Lowering the resistor values keep the resistor noise terms low,
and minimize the effect of its parasitic capacitance, however lower resistor values increase the dynamic
power consumption because RF and RG become part of the amplifiers output load network. Transimpedance
applications (see the Transimpedance Amplifier section) can use whatever feedback resistor is required by
the application as long as the feedback compensation capacitor is set considering all parasitic capacitance
terms on the inverting node.
4. Connections to other wideband devices on the board may be made with short direct traces or through
onboard transmission lines. For short connections, consider the trace and the input to the next device as a
lumped capacitive load. Relatively wide traces (50 mils to 100 mils) must be used, preferably with ground
and power planes opened up around them. Estimate the total capacitive load and set RS for sufficient phase
margin and stability. Low parasitic capacitive loads (< 2.5 pF) may not need an RS because the OPAx863
devices are nominally compensated to operate with a 2.5-pF parasitic load. Higher parasitic capacitive loads
without an RS are allowed as the signal gain increases (increasing the unloaded phase margin) If a long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com