Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
B
F3@$ =
¨ )$9
2
è4(%+0
LE D
Driver
LE D
Photo-
Diode
+
±
R
F
-V
BIAS
C
D
C
F
OP Ax863
To
ADC
V
OUT
V
S+
V
S-
I
D
Time (150 ns/div)
-2
0
-1.5
0.1
-1
0.2
-0.5
0.3
0
0.4
0.5
0.5
1
0.6
1.5
0.7
2
0.8
2.5
0.9
3
1
3.5
1.1
4
1.2
D805
VIN x 20
OPAx863 O/P
S/H Voltage
% Error
14
OPA2863
SBOS982A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 11. 0.1% Settling Performance
9.3 Transimpedance Amplifier
The high GBWP and small input capacitance of the OPAx863 devices make them an ideal wideband
transimpedance amplifier for high-frequency, mid to high transimpedance gain applications.
Figure 12. Wideband, High-Sensitivity, Transimpedance Amplifier
9.3.1 Design Requirements
Table 2 lists the design requirements for a high-bandwidth, high-gain transimpedance amplifier circuit.
Table 2. Design Requirements
PARAMETER
DESIGN REQUIREMENT
Target bandwidth
> 2.5 MHz
Transimpedance gain
100 kΩ
Photodiode capacitance
10 pF
9.3.2 Detailed Design Procedure
Figure 12 shows how the OPAx863 devices can be used as a transimpedance amplifier (TIA) for converting a
photodiode current into an output voltage. The factors which determine the minimum required gain-bandwidth
product (GBW) of the amplifier are the transimpedance gain, small-signal bandwidth and the photodiode
capacitance. Increase in the values of any of these three parameters requires higher GBW. Large-area
photodiodes with higher sensitivity have a relatively larger photodiode capacitance, sometimes up to 100 pF,
which impacts the small-signal bandwidth, which is given below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com