Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
+
±
+
±
R2
R1
RBIAS
-VBIAS
RISO
RP
VS+
VS+
VS-
VS-
C1
C2
CSH
High-Gain Band Pass Filt er
High-Speed Peak Detector
D1
D2
ADS794 5
14-bit
2 MSPS
R
S
+
±
6V
AV DD
DVDD
5V
5V
OPA x863
+
±
C
CB
6V
OPA x863
VREF
R
FIL T
C
FIL T
+
±
5V
OPA 378
REF505 0
5.0 V
Reference
12V
R
G
Z
OUT
Sen sor
16
OPA2863
SBOS982A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.4 Low-Power SAR ADC Driver and Reference Buffer
Figure 15 shows the use of the OPAx863 devices as a SAR ADC input driver and reference buffer driving the
ADS7945. Sensors, which are used for interface with real-world, exhibit high output impedance, and cannot drive
SAR ADC inputs directly. A wide-GBW amplifier like the OPAx863 devices are needed to charge the switching
capacitors at the SAR ADC input and to settle fast to the required accuracy within the given acquisition time.
During the conversion (digitization) phase, the ADC core draws transient current from the reference input which
needs to be driven with a wide-GBW amplifier to offer fast settling and maintain a stable reference voltage for
superior digitization performance. Due to limitations in precision performance of wide-GBW amplifiers, the
OPAx863 devices reference buffer is used in a composite loop with the OPA378 precision amplifier. The
precision amplifier maintains low-offset output whereas the OPAx863 devices provide the output drive and fast-
settling performance.
Figure 15. OPAx863 as Low-Power SAR ADC Driver
9.5 Front-End Gain and Filtering
Figure 16. High-Gain Narrow Bandpass Filter and Peak Detector Circuit
Ultrasonic signaling is used for proximity and obstacle detection, level sensing, sonars, and so forth. Such signal
chains detect the amplitude of received ultrasonic signal at a particular center frequency. Figure 16 shows a
high-gain narrow bandpass filter and peak detector circuit using any of the OPAx863 devices. The signal at the
frequency of interest is filtered out, gained and peak detected to report the amplitude at the output of this circuit.
The phase information is lost in this circuit. The OPAx863 devices are used with its 50-MHz GBW to add a
single-stage gain, and the peak detection capability is easily made with the RRIO capability of these amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com