Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
8
1 = 8+0
lF
4
(
4
) p
+ 8
4'(
8
1 = 8+0
l1 +
4
(
4
) p
+ 8
4'(
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
-(RF/RG)VSIG
VOUT
VS+
VS-
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1+RF/RG)VSIG
VOUT
VS+
VS-
12
OPA2863
SBOS982A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Single-Supply Operation (2.7 V to 12.6 V)
Many newer systems use a single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPAx863 devices can be used with a single supply (with the negative supply set to ground) with no
change in performance if the input and output are biased within the linear operation of the device. To change the
circuit from split supply to a balanced, single-supply configuration, level shift all voltages by half the difference
between the power-supply rails. An additional advantage of configuring an amplifier for single-supply operation is
that the effects of PSRR are minimized because the low-supply rail is grounded. See the Single-Supply Op Amp
Design Techniques application report for examples of single-supply designs.
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Amplifier Gain Configurations
The OPAx863 devices are classic voltage-feedback amplifiers with each channel having two high-impedance
inputs and a low-impedance output. Standard application circuits (as shown in Figure 8 and Figure 9) include the
noninverting and inverting gain configurations. The DC operating point for each configuration is level-shifted by
the reference voltage VREF that is typically set to midsupply in single-supply operation. VREF is often connected
to ground in split-supply applications.
Figure 8. Noninverting Amplifier
Figure 9. Inverting Amplifier
Figure 11 shows the closed-loop gain of an amplifier in a noninverting configuration.
shows the closed-loop gain of an amplifier in an inverting configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com