Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 3Page - Texas Instruments OPAX607 Datasheet HTML 4Page - Texas Instruments OPAX607 Datasheet HTML 5Page - Texas Instruments OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Based on electrical characterization of 32 devices. Typical specifications are ±1sigma.
7.5 Electrical Characteristics: 10 V
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for Gain =1, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to mid-
supply, G = 1 V/V, input and output referenced to mid-supply, and TA ≈ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1, < 1 dB peaking
100
MHz
GBWP
Gain-bandwidth product
50
MHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP
17
MHz
SR
Slew rate
VOUT = 2–V step, G = –1
100
V/µs
Rise, fall time
VOUT = 200–mV step
10
ns
Settling time to 0.1%
VOUT = 2–V step
60
ns
Settling time to 0.01%
VOUT = 2–V step
70
ns
HD2
Second-order harmonic distortion
f = 20 kHz, VOUT = 2 VPP
–115
dBc
HD3
Third-order harmonic distortion
f = 20 kHz, VOUT = 2 VPP
–130
dBc
eN
Input voltage noise
1/f corner at 30 Hz
5.9
nV/
√Hz
iN
Input current noise
0.4
pA/
√Hz
zO
Closed-loop output impedance
f = 1 MHz
0.2
Ω
DC PERFORMANCE
AOL
Open-loop voltage gain
VO = ±2.5 V
110
130
dB
VOS
Input-referred offset voltage
–1.5
±0.3
1.5
mV
Input offset voltage drift(1)
TA = –40°C to +125°C
–6
±1.5
6
µV/°C
Input bias current
VCM = mid-supply
0.15
0.3
0.73
µA
Input offset current
-30
±10
30
nA
INPUT
Input common-mode voltage range
VS––0.2
VS++0.2
V
CMRR
Common-mode rejection ratio
VCM=VS– – 0.2 V to VS+ + 0.2 V
110
dB
VCM = VS– to VS+ – 1.4 V
120
Input impedance common-mode
650 || 0.8
MΩ || pF
Input impedance differential mode
200 || 0.5
kΩ || pF
OUTPUT
VOL
Output voltage, low
VS–+0.2
VS–+0.2
V
VOH
Output voltage, high
VS+–0.2
VS+–0.2
V
Linear output drive (sourcing/sinking)
VOUT = ±2.5 V, ΔVIO < 1 mV
30
mA
Short-circuit current
40
mA
POWER SUPPLY
IQ
Quiescent current per amplifier
TA ≈ 25°C
720
970
µA
PSRR
Power-supply rejection ratio
ΔVS = 2 V
120
dB
POWER DOWN (Pin Must be Driven)
Enable voltage threshold
Specified on above VS+–0.5 V
4.5
V
Disable voltage threshold
Specified off below VS+–1.5 V
3.5
V
Power-down quiescent current per
channel
PD
≤ VS+–1.5 V
0.5
1.5
µA
Turn-on/off time delay
10
µs
AUXILIARY INPUT STAGE
Gain-bandwidth product
50
MHz
Input voltage noise
5.9
nV/
√Hz
Input-referred offset voltage
–1.5
±0.3
1.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com