Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 5Page - Texas Instruments OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Auxiliary
NPN-
Stage
VS+
EN
Main
PNP-
Stage
VS±
EN
VS+ ±1.4 V
VIN+
VIN±
VOUT
+
+
+
OPAx863
CC
±
±
±
±
Output
Sho rt-Circuit
Pro tection
Overloa d
Power
Limiting
PD
9
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPAx863 devices are low-power, 50 MHz, rail-to-rail input and output (RRIO) bipolar voltage-feedback
operational amplifiers with a voltage noise density of 5.9 nV/
√Hz and 1/f noise corner at 30 Hz. The OPAx863
devices work in a wide-supply voltage range from 2.7 V to 12.6 V and consumes only 750 µA quiescent current.
The OPAx863 devices operate with 2.7-V supply, are RRIO capable, consume low-power and offer a power-
down mode, which makes them ideal amplifiers for 3.3-V or lower voltage applications that need superior AC
performance. The amplifier's two input stages are well-matched for gain bandwidth product (GBW), noise and
offset voltage especially for applications which require wide dynamic input range and good SNR.
The device includes an overload power limit feature which limits the increase in quiescent current with over-
driven and saturated outputs to either of the supply rails. See Overload Power Limit for more details of this
overload power limit feature. The amplifier's output is protected against short-circuit fault conditions.
The OPAx863 devices feature a power-down (PD) mode with a PD quiescent current of 1.5-µA (maximum) with
turn-on and turn-off within less than 10-µs.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com