Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Frequency (Hz)
-10
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
100M
D801
AOL
1/E
AOLE
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
100M
D802
AOL
1/E
AOLE
%( =
1
2
è:0.707;4(BF3@$
15
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
The small input capacitance of OPAx863 helps to achieve a wider small-signal bandwidth, mainly limited by the
photodiode capacitance. The feedback resistor RF introduces a zero in the noise gain with the total input
capacitance CIN and a 40 dB/dec rate of closure. Figure 12 shows the feedback capacitor CF that is needed to
cancel the zero due to RF, CIN with a pole in the noise gain, whose value is given below for a 65° phase margin
and butterworth response.
estimates a closed-loop bandwidth of 2.6 MHz. Figure 13 and Figure 14 show the closed-loop gain and phase
plots from TINA-TI simulation of the TIA circuit of Figure 12. The 1/β gain curve has a zero from RF and CIN at
142 kHz and a pole from RF and CF cancelling the 1/β zero at 1.87 MHz, resulting in a 20-dB per decade rate-of-
closure at the loop-gain crossover frequency (the frequency where AOL equals 1/β), ensuring a stable circuit. A
phase margin of 65° is obtained with a closed-loop bandwidth of 2.6 MHz and a 100-kΩ transimpedance gain.
9.3.3 Application Curves
Figure 13. Loop-Gain Magnitude vs Frequency for the
Transimpedance Amplifier Circuit of Figure 12
Figure 14. Loop-Gain Phase vs Frequency for the
Transimpedance Amplifier Circuit of Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com