Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DAC8801
+
±
I
OUT
R
FB
V
REF
V
DD
+6V
-6V
OP Ax863
V
OU T
TR
X1
+
±
OP Ax863
12 V
R
ISO
+
±
R
F
R
G
C
G
C
Filt
C
AC2
R¶
R¶
3.3 V
PGA
ADC
MSP430FR6043
OP Ax863
TR
X2
Processor
Transmitter
Receiver
Receiver
Transmitter
NODE-1
NODE-2
3.3 V
12 V
0 V
12 V
V
TX
0 V
12 V
V
TX
V
R X
V
R X
t
12
t
21
R
R
C
AC1
12 V
17
OPA2863
www.ti.com
SBOS982A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.6 Clamp-On Ultrasonic Flow Meter
Ultrasonic flow meters measure rate of flow of a liquid using transit-time difference, t12–t21 in Figure 17 which
changes with and used to determine the flow rate. Figure 17 shows a representative schematic for a non-
intrusive ultrasonic flow meter using the OPAx863 devices and 12-V transducer excitation. For the forward path,
the OPAx863 devices are used as a unity-gain buffer for 12-V pulsed transducer excitation at Node 1. At the
same time, the receiver circuit at Node 2, also using the OPAx863 devices, first provides an AC-gain followed by
a DC-level shift to lead to the PGA, ADC and processing within the MSP430 microcontroller.
For the reverse path, Node 2 and Node 1 use similar transmit and receive circuits discussed above. The
OPAx863 devices wide GBW of 50 MHz introduces minimal phase-delay and low-noise for superior flow rate
measurement. In battery powered systems, the amplifier stays in power-down mode for a majority of the time,
resulting in very small average system-level power consumption and prolonged battery lifetime with its 1.5 µA
(maximum) power-down mode quiescent current. Since the transmit and receive signal chains are connected to
the same point at the respective node transducers, the OPAx863 devices 12.6-V supply voltage capability
enables 12-V transducer excitation capability with damage to the front-end and need for external switches to
make a compact solution. This makes the OPAx863 devices suitable for flow measurements in large diameter
pipes and non-intrusive flow meters.
Figure 17. Non-Intrusive Ultrasonic Flow Meter
9.7 Variable Reference Generator Using MDAC
High-speed amplifiers may be used as a voltage buffer at MDAC output to generate a fast settling variable
reference voltage. Figure 18 shows a representative circuit using DAC8801 and OPAx863.
Figure 18. Variable Reference Generator Using MDAC and OPAx863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com