Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 100-MHz, Rail-to-Rail Input and Output, Voltage-Feedback Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
4.1 mA
2.2 mA
10
OPA2863
SBOS982A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA2863
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Input Stage
The OPAx863 devices include a rail-to-rail input stage. The main stage differential pair using PNP bipolar
transistors operates for common-mode input voltages from VS–– 0.2 V till VS+ – 1.4 V. The amplifier inputs
transition into the auxiliary stage using NPN transistors for common-mode input voltages from VS+ – 1.4 V till VS+
+ 0.2 V. The PNP and NPN input stages offer a gain-bandwidth product of 50 MHz and a voltage noise density
of 5.9 nV/
√Hz. The offset voltage for the two input stages is matched to lie within the device specifications. The
NPN input stage does not use the slew boost circuit during large-signal transient response. The input bias
current for the PNP and NPN input stages is opposite in polarity, which adds an additional offset based on the
values of the gain-setting and feedback resistors. A common-mode input voltage transition between these input
stages will cause a crossover distortion which needs to be considered in high-frequency applications requiring
superior linearity. Limit the common-mode input voltage to VS+ – 1.5 V (maximum) for main-stage operation
across process and ambient temperature .
Since the OPAx863 devices are bipolar amplifiers, the two inputs are protected with anti-parallel back-to-back
diodes between them, which limits the maximum input differential voltage to 1 V. In very fast input or output
transient conditions, the amplifier is slew limited and the two inputs are puled apart up to 1 V when the anti-
parallel diodes begin to conduct. Care must be taken to use gain-setting and feedback resistors large enough to
limit the current through these diodes in such conditions.
8.3.2 Output Stage
The OPAx863 devices feature a rail-to-rail output stage with signal swing possible from VS–+ 0.2 V to VS+– 0.2 V.
Violating the output headroom to either of the supplies will cause output signal clipping and degrade linear
performance.
The OPAx863 devices integrate an output short-circuit protection circuit which makes the device rugged for use
in real-world applications.
8.3.2.1 Overload Power Limit
The OPAx863 devices include overload power limiting which limits the increase in device quiescent current with
output saturated to either of the supplies. Typically, when an amplifier's output saturates, its two inputs are pulled
apart which may enable the slew boost circuit. The input differential voltage is an error voltage in negative
feedback, which the amplifier core nullifies by engaging the slew boost circuit and driving the output stage deeper
into saturation. As the output stage transistor is pushed deeper into saturation, its hFE (base-to-collector current
gain) drops with increase in its base and collector current, increasing the device quiescent current. This may
cause a catastrophic failure in multi-channel, high-gain, high-density front-end designs and reduce operating
lifetime in portable battery powered systems. The OPAx863 devices overload power limiting includes an
intelligent output saturation detection circuit which limits the devices quiescent current to 2.2-mA per channel
under DC overload condition. This increase in quiescent current is smaller with AC input or output with output
saturation duration for only a fraction of the overall signal time period.
Figure 6. Increase in Quiescent Current with Output Saturation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com