Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 272 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 272 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 268Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 269Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 270Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 271Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 276Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 272 of 280
MB91520 Series
Page
Section
Change Results
187
11. Electrical Characteristics
(8) Low voltage detection
(External low-voltage
detection)
The following sentence modified in the Detection voltage as following:
(Error)
Value
Unit
Remarks
Min
Typ
Max
2.7
-
5.5
V
-8%
2.8
+8%
V
When power-supply
voltage falls and
detection level is set
initially
(Correct)
Value
Unit
Remarks
Min
Typ
Max
2.7
-
5.5
V
-8%
LVD5F
_SEL
[3:0]
+8%
V
LVD5F_SEL[3:0] are
programmable. Refer
to the hardware
manual.
188
11. Electrical Characteristics
(9) Low voltage detection
(RAM retention low-voltage
detection)
The following sentence modified as following:
(Error)
(9) Low voltage detection (Internal low-voltage detection)
(Correct)
(9) Low voltage detection (RAM retention low-voltage detection)
220 to
223
16. Ordering Information
Added the following description.
■ORDERING INFORMATION MB91F52xxxE
Rev *D
1
Features
The following sentence should be modified as follows:
(Error)
Conversion time : 1
μs
(Correct)
Conversion time : 1.4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com