Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 3Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 4Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 5Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 9Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 10Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 7 of 280
MB91520 Series
Product Lineup Comparison 100 Pins
MB91F522F
MB91F523F
MB91F524F
MB91F525F
MB91F526F
System Clock
On chip PLL Clock multiple method
Minimum instruction execution time
12.5 ns (80 MHz)
Flash Capacity (Program)
(256+64) KB
(384+64) KB
(512+64) KB
(768+64) KB
(1024+64) KB
Flash Capacity (Data)
64 KB
RAM Capacity
(48+8) KB
(64+8) KB
(96+8) KB
(128+8) KB
External BUS I/F
(22 address/16 data/4 cs)
None
DMA Transfer
16 ch
16-bit Base Timer
1 ch
Free-run Timer
16 bit × 3 ch, 32 bit × 3 ch
Input capture
16 bit × 4 ch, 32 bit × 6 ch
Output Compare
16 bit × 6 ch, 32 bit × 6 ch
16-bit Reload Timer
8 ch
PPG
16 bit × 34 ch
Up/down Counter
2 ch
Clock Supervisor
Yes
External Interrupt
8 ch × 2 units
A/D converter
12 bit × 21 ch (1 unit), 12 bit × 16 ch (1 unit)
D/A converter (8 bit)
2 ch
Multi-Function Serial Interface
12 ch*1
CAN
64 msg × 2 ch/128 msg × 1 ch
Hardware Watchdog Timer
Yes
CRC Formation
Yes
Low-voltage detection reset
Yes
Flash Security
Yes
ECC Flash/WorkFlash
Yes
ECC RAM
Yes
Memory Protection Function (MPU)
Yes
Floating point arithmetic (FPU)
Yes
Real Time Clock (RTC)
Yes
General-purpose port (#GPIOs)
76 ports
SSCG
Yes
Sub clock
Yes
CR oscillator
Yes
NMI request function
Yes
OCD (On Chip Debug)
Yes
TPU (Timing Protection Unit)
Yes
Key code register
Yes
Waveform generator
6 ch
Operation guaranteed temperature
(TA)
-40 °C to +125 °C
Power supply
2.7 V to 5.5 V *2
Package
LQI100
*1: Only channel 5, channel 6, channel 7, channel 8 and channel 11 support the I2C (standard mode).
*2: The initial detection voltage of the external low voltage detection is 2.8 V ± 8 % (2.576 V to 3.024 V). This LVD setting
and internal LVD cannot be used to reliably generate a reset before voltage dips below minimum guaranteed operation
voltage, as these detection levels are below the minimum guaranteed MCU operation voltage. Below the minimum
guaranteed MCU operation voltage, MCU operations are not guaranteed with the exception of LVD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com