Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 82Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 83Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 84Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 85Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 86Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 87Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 88Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 89Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 86 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
0017C8H
SCR3/(IBCR3) [R/W]
B,H,W
0--00000
SMR3[R/W] B,H,W
000-00-0
SSR3[R/W] B,H,W
0-000011
ESCR3/(IBSR3)[R/W
] B,H,W
00000000
Multi-UART3
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
0017CCH
― /(RDR13/(TDR13))[R/W] B,H,W
-------- -------- *3
RDR03/(TDR03)[R/W] B,H,W
-------0 00000000 *1
0017D0H
SACSR3[R/W] B,H,W
0----000 00000000
STMR3[R] B,H,W
00000000 00000000
0017D4H
STMCR3[R/W] B,H,W
00000000 00000000
― /(SCSCR3/SFUR3)[R/W] B,H,W
-------- -------- *3 *4
0017D8H
― /(SCSTR33)/
(LAMSR3)
[R/W] B,H,W
-------- *3
― /(SCSTR23)/
(LAMCR3)
[R/W] B,H,W
-------- *3
― /(SCSTR13)/
(SFLR13)
[R/W] B,H,W
-------- *3
― /(SCSTR03)/
(SFLR03)
[R/W] B,H,W
-------- *3
0017DCH
―
― /(SCSFR23)
[R/W] B,H,W
-------- *3
― /(SCSFR13)
[R/W] B,H,W
-------- *3
― /(SCSFR03)
[R/W] B,H,W
-------- *3
0017E0H
―/(TBYTE33)/
(LAMESR3)
[R/W] B,H,W
-------- *3
―/(TBYTE23)/
(LAMERT3)
[R/W] B,H,W
-------- *3
―/(TBYTE13)/
(LAMIER3)
[R/W] B,H,W
-------- *3
TBYTE03/(LAMRID3)
/
(LAMTID3)
[R/W] B,H,W
00000000
0017E4H
BGR3[R/W] H, W
00000000 00000000
― /(ISMK3)[R/W]
B,H,W
-------- *2
― /(ISBA3)[R/W]
B,H,W
-------- *2
0017E8H
FCR13[R/W]
B,H,W
---00100
FCR03[R/W]
B,H,W
-0000000
FBYTE3[R/W] B,H,W
00000000 00000000
0017ECH
FTICR3[R/W] B,H,W
00000000 00000000
―
―
0017F0H
SCR4/(IBCR4) [R/W]
B,H,W
0--00000
SMR4[R/W] B,H,W
000-00-0
SSR4[R/W] B,H,W
0-000011
ESCR4/(IBSR4)[R/W
] B,H,W
00000000
Multi-UART4
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
0017F4H
― /(RDR14/(TDR14))[R/W] B,H,W
-------- -------- *3
RDR04/(TDR04)[R/W] B,H,W
-------0 00000000 *1
0017F8H
SACSR4[R/W] B,H,W
0----000 00000000
STMR4[R] B,H,W
00000000 00000000
0017FCH
STMCR4[R/W] B,H,W
00000000 00000000
― /(SCSCR4/SFUR4)[R/W] B,H,W
-------- -------- *3 *4
001800H
― /(SCSTR34)/
(LAMSR4)
[R/W] B,H,W
-------- *3
― /(SCSTR24)/
(LAMCR4)
[R/W] B,H,W
-------- *3
― /(SCSTR14)/
(SFLR14)
[R/W] B,H,W
-------- *3
― /(SCSTR04)/
(SFLR04)
[R/W] B,H,W
-------- *3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com