Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 43Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 44Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 45Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 46Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 47Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 48Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 49Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 50Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 47 of 280
MB91520 Series
7.
Block Diagram
MB91F522B, MB91F523B, MB91F524B, MB91F525B, MB91F526B
From Master
To Slave
From Master
To Slave
XBS Crossbar Switch
FR81s CPU core
Instruction
Data
On-chip bus layer 2
Peripheral Bus
Bridge
CAN prescaler
Watchdog timer(SW and HW)
Delay interrupt
Interrupt controller
RTC/WDT1 Calibration
I/O port setting
Low-power consumption setting register
16
32
Wild register
On-chip bus layer 1
Debug
Interface
Regulator
Interrupt request batch read
DMA transfer request generate/clear
Real time clock
Clock supervisor
Clock control (Clock setting,
Main timer, Sub timer, PLL timer)
M P U
Clock control (divide control)
Bus
performance
counter
BackUp
RAM +8KB
Timing
Protection Unit
PPG(21ch)
Reload timer (7ch)
8bit DA converter (1ch)
External interrupt input(16ch)
32bit Output compare(4ch)
Base timer (1ch)
U/D counter (2ch)
32bit Free-run timer(1ch)
32bit Input capture(5ch)
Multi-function serial interface (8ch)
DMAC
(16 ch)
CAN (3ch)
CRC
Operation mode
register
Wave generator (6ch)
12bit AD converter (13ch + 13ch)
16bit Free-run timer (3ch)
16bit Input capture (4ch)
Power-on reset
CR oscillator
Low-voltage detection
(External power supply low-voltage detection)
Reset control register
NMI
Flash
・Main Flash
256K/384K/512K/768K/
1024KB +64KB
RAM
48K/64K/96K/128K
Clock monitor
Bus Bridge (32bit <-> 16bit)
RAM ECC Control(XBS RAM)
Clock /
Bus Bridge
RAM ECC Control
(BackUp RAM)
Async Bus Bridge (PCLK1 <-> PCLK2)
Bus Bridge (32bit <-> 16bit)
16bit Output compare (6ch)
Async Bus Bridge (PCLK1 <-> PCLK2)
Low-voltage detection
(Internal power supply low-voltage detection)
RST
NMIX
MD0,MD1,P00
RX,T
FRCK
ICU
OCU
TIOA,TIOB
AIN,BIN,ZI
TIN,TOT
DAO
MONCLK
WOT
INT
TRG,PPG
SOUT,
SIN,
SCK
ADTG,AIN
ICU
FRCK
DTTI,RTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com