Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 84Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 85Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 86Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 87Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 88Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 89Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 90Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 91Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 88 of 280
MB91520 Series
Address
Address offset value / Register name
Block
+0
+1
+2
+3
001844H
― /(RDR16/(TDR16))[R/W] B,H,W
-------- -------- *3
RDR06/(TDR06)[R/W] B,H,W
-------0 00000000 *1
Multi-UART6
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
001848H
SACSR6[R/W] B,H,W
0----000 00000000
STMR6[R] B,H,W
00000000 00000000
00184CH
STMCR6[R/W] B,H,W
00000000 00000000
― /(SCSCR6/SFUR6)[R/W] B,H,W
-------- -------- *3 *4
001850H
― /(SCSTR36)/
(LAMSR6)
[R/W] B,H,W
-------- *3
― /(SCSTR26)/
(LAMCR6)
[R/W] B,H,W
-------- *3
― /(SCSTR16)/
(SFLR16)
[R/W] B,H,W
-------- *3
― /(SCSTR06)/
(SFLR06)
[R/W] B,H,W
-------- *3
001854H
―
― /(SCSFR26)
[R/W] B,H,W
-------- *3
― /(SCSFR16)
[R/W] B,H,W
-------- *3
― /(SCSFR06)
[R/W] B,H,W
-------- *3
001858H
―/(TBYTE36)/
(LAMESR6)
[R/W] B,H,W
-------- *3
―/(TBYTE26)/
(LAMERT6)
[R/W] B,H,W
-------- *3
―/(TBYTE16)/
(LAMIER6)
[R/W] B,H,W
-------- *3
TBYTE06/(LAMRID6)
/
(LAMTID6)
[R/W] B,H,W
00000000
00185CH
BGR6[R/W] H, W
00000000 00000000
― /(ISMK6)[R/W]
B,H,W
-------- *2
― /(ISBA6)[R/W]
B,H,W
-------- *2
001860H
FCR16[R/W]
B,H,W
---00100
FCR06[R/W]
B,H,W
-0000000
FBYTE6[R/W] B,H,W
00000000 00000000
001864H
FTICR6[R/W] B,H,W
00000000 00000000
―
―
001868H
SCR7/(IBCR7) [R/W]
B,H,W
0--00000
SMR7[R/W] B,H,W
000-00-0
SSR7[R/W] B,H,W
0-000011
ESCR7/(IBSR7)[R/W
] B,H,W
00000000
Multi-UART7
*1: Byte access is possible
only for access to lower 8
bits.
*2: Reserved because I2C
mode is not set immediately
after reset.
00186CH
― /(RDR17/(TDR17))[R/W] B,H,W
-------- -------- *3
RDR07/(TDR07)[R/W] B,H,W
-------0 00000000 *1
001870H
SACSR7[R/W] B,H,W
0----000 00000000
STMR7[R] B,H,W
00000000 00000000
001874H
STMCR7[R/W] B,H,W
00000000 00000000
― /(SCSCR7/SFUR7)[R/W] B,H,W
-------- -------- *3 *4
001878H
― /(SCSTR37)/
(LAMSR7)
[R/W] B,H,W
-------- *3
― /(SCSTR27)/
(LAMCR7)
[R/W] B,H,W
-------- *3
― /(SCSTR17)/
(SFLR17)
[R/W] B,H,W
-------- *3
― /(SCSTR07)/
(SFLR07)
[R/W] B,H,W
-------- *3
Multi-UART7
*3: Reserved because CSIO
mode is not set immediately
after reset.
*4: Reserved because
LIN2.1 mode is not set
immediately after reset.
00187CH
―
― /(SCSFR27)
[R/W] B,H,W
-------- *3
― /(SCSFR17)
[R/W] B,H,W
-------- *3
― /(SCSFR07)
[R/W] B,H,W
-------- *3
001880H
―/(TBYTE37)/
(LAMESR7)
[R/W] B,H,W
-------- *3
―/(TBYTE27)/
(LAMERT7)
[R/W] B,H,W
-------- *3
―/(TBYTE17)/
(LAMIER7)
[R/W] B,H,W
-------- *3
TBYTE07/(LAMRID7)
/
(LAMTID7)
[R/W] B,H,W
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com