Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 51Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 52Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 53Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 54Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 55Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 56Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 57Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 58Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 55 of 280
MB91520 Series
9.
I/O Map
The following I/O map shows the relationship between memory space and registers for peripheral resources.
Legend of I/O Map
Read/Write attribute (R: Read W: Write)
Address
Address offset value/ register name
Block
+0
+1
+2
+3
000090H
BT1TMR[R] H
0000000000000000
BT1TMCR[R/W]B,H,W
00000000 00000000
Base timer 1
000094 H
-
BT1STC[R/W] B
00000000
-
-
000098 H
BT1PCSR/BT1PRLL[R /W] H
0000000000000000
BT1PDU T/BT1PRLH/BT1DTBF[R/W] H
0000000000000000
00009C H
BTSEL[R/W] B
----000 0
-
BTSSSR[W] B,H
-------- ------11
0000A0 H
ADERH [R/W]B, H, W
00000000 00000000
ADERL [R/W]B, H, W
00000000 00000000
A/D converter
0000A4 H
ADCS1 [R/W] B, H,W
00000000
ADCS0 [R/W] B, H,W
00000000
ADCR1 [R] B, H,W
------XX
ADCR0 [R] B, H,W
XXXXX XXX
0000A8 H
ADCT1 [R/W] B, H,W
00010000
ADCT0 [R/W] B, H,W
00101100
ADSCH [R/W] B, H,W
---00000
ADECH [R/W] B, H,W
---00000
Data access attribute
B: Byte
H: Half-word
W: Word
(Note)The access by the data
access attribute not described
is disabled.
Initial register value after reset
The initial register value after reset indicates as follows:
· "1": Initial value "1"
· "0": Initial value "0"
· "X": Initial value undefined
· "-": Reserved bit/Undefined bit
· "*": Initial value "0" or "1" according to the setting
Note: The access to addresses not described is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com