Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 27Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 28Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 31 of 280
MB91520 Series
Pin No.
Pin Name
Polarity
I/O
Circuit
types*8
Function*9
64
80
100
120
144
176
-
-
-
-
105
128
P121
-
A
General-purpose I/O port
OCU7_0
-
Output compare ch.7 output (0)
PPG23_0
-
PPG ch.23 output (0)
48
59
74
89
106
129
P122
-
J
General-purpose I/O port
SIN6_0
-
Multi-function serial ch.6 serial data input (0)
AN31
-
ADC analog 31 input
OCU8_0
-
Output compare ch.8 output (0)
INT9_1
-
INT9 External interrupt input (1)
-
-
-
-
-
130
P197
-
A
General-purpose I/O port
PPG29_1
-
PPG ch.29 output (1)
-
-
-
-
107
131
P123
-
A
General-purpose I/O port
OCU9_0
-
Output compare ch.9 output (0)
49
62
77
92
110
134
DEBUGIF
-
L
MDI I/O for debugger (OCD)
-
-
-
-
-
135
P160
-
A
General-purpose I/O port
PPG30_1
-
PPG ch.30 output (1)
-
-
-
-
-
136
P161
-
A
General-purpose I/O port
PPG31_1
-
PPG ch.31 output (1)
-
-
-
-
111
137
P124
-
A
General-purpose I/O port
OCU10_0
-
Output compare ch.10 output (0)
-
-
-
93
112
138
P125
-
A
General-purpose I/O port
OCU11_0
-
Output compare ch.11 output (0)
50
63
78
94
113
139
P126
-
F
General-purpose I/O port
SIN0_0
-
Multi-function serial ch.0 serial data input (0)
INT6_0
-
INT6 External interrupt input (0)
-
64
79
95
114
140
P127
-
A
General-purpose I/O port
SOT0_0
-
Multi-function serial ch.0 serial data output
(0)
-
-
80
96
115
141
P130
-
F
General-purpose I/O port
SCK0_0
-
Multi-function serial ch.0 clock I/O (0)
-
-
-
-
-
142
P162
-
A
General-purpose I/O port
TRG5_2
-
PPG trigger 5 input (2)
-
-
-
-
-
143
P163
-
A
General-purpose I/O port
TRG6_2
-
PPG trigger 6 input (2)
51
65
81
97
116
144
MD0
-
K
Mode pin 0
52
66
82
98
117
145
MD1
-
K
Mode pin 1
53
67
83
99
118
146
X0
-
N
Main clock oscillation input
54
68
84
100
119
147
X1
-
N
Main clock oscillation output
56
70
86
102
121
149
P135
-
A
General-purpose I/O port
DTTI_0
-
Waveform generator ch.0-ch.5 input pin (0)
X1A
-
O
Sub clock oscillation output
57
71
87
103
122
150
P136
-
A
General-purpose I/O port
X0A
-
O
Sub clock oscillation input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com