Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 46Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 47Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 48Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 49Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 50Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 51Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 52Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 53Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 50 of 280
MB91520 Series
MB91F522J, MB91F523J, MB91F524J, MB91F525J, MB91F526J
From Master
To Slave
From Master
To Slave
XBS Crossbar Switch
FR81s CPU core
Instruction
Data
On-chip bus layer 2
Peripheral Bus
Bridge
CAN prescaler
Watchdog timer(SW and HW)
Delay interrupt
Interrupt controller
RTC/WDT1 Calibration
I/O port setting
Low-power consumption setting register
16
32
Wild register
On-chip bus layer 1
Debug Interface
Regulator
Interrupt request batch read
DMA transfer request generate/clear
Real time clock
Clock supervisor
Clock control (Clock setting,
Main timer, Sub timer, PLL timer)
M P U
Clock control (divide control)
Bus
performance
counter
BackUp
RAM +8KB
Timing Protection
Unit
PPG(38ch)
Reload timer (8ch)
8bit DA converter (2ch)
External interrupt input(16ch)
32bit Output compare(6ch)
Base timer (2ch)
U/D counter (2ch)
32bit Free-run timer(3ch)
32bit Input capture(6ch)
Multi-function serial interface (12ch)
DMAC
(16 ch)
CAN (3ch)
CRC
Operation mode
register
Wave generator (6ch)
12bit AD converter (26ch + 16ch)
16bit Free-run timer (3ch)
16bit Input capture (4ch)
Power-on reset
CR oscillator
Low-voltage detection
(External power supply low-voltage detection)
Reset control register
NMI
Flash
・Main Flash 256K/384K/512K/768K/
1024KB +64KB
・WorkFlash 64KB
RAM
48K/64K/96K/128K
Clock monitor
Bus Bridge (32bit <-> 16bit)
RAM ECC Control(XBS RAM)
Clock / Bus
Bridge
RAM ECC Control
(BackUp RAM)
Async Bus Bridge (PCLK1 <-> PCLK2)
Bus Bridge (32bit <-> 16bit)
16bit Output compare (6ch)
Async Bus Bridge (PCLK1 <-> PCLK2)
Low-voltage detection
(Internal power supply low-voltage detection)
RSTX
NMIX
MD0,MD1,P006
RX,TX
FRCK
ICU
OCU
TIOA,TIOB
AIN,BIN,ZIN
TIN,TOT
DAO
MONCLK
WOT
INT
TRG,PPG
SOUT,
SIN,
SCK
ADTG,AIN
ADC enable(ADER)
ICU
FRCK
DTTI,RTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com