Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 268 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 268 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 264Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 265Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 266Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 267Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 268Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 269Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 270Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 271Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 272Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 268 of 280
MB91520 Series
Page
Section
Change Results
141
■Interrupt Vector Table
The interrupt factor in Interrupt vector 176pin modified as follows:
(Error)
Base timer 1
IRQ0
61
3D
ICR
45
308
H
000F
FF08
H
45
*5
Base timer 1
IRQ1
−
−
(Correct)
Base timer 1
IRQ0
61
3D
ICR
45
308
H
000F
FF08
H
45
Base timer 1
IRQ1
−
−
141
■Interrupt Vector Table
The following sentence deleted from Interrupt vector 176pins.
(Error)
*5: It does not support the DMA transfer by the interrupt because of the RAM
ECC bit error.
142
■Electrical Characteristics
1. Absolute Maximum Ratings
The remarks of "L" level average output current" and "H" level average output
current" modified as follows.
(Error)
Parameter
Sym
bol
Rating
Unit
Remarks
Min
Max
"L" level average
output current *4
IOLAV1
-
4
mA
IOLAV2
-
12
mA
"H" level average
output current *4
IOHAV1
-
-4
mA
IOHAV2
-
-12
mA
(Correct)
Parameter
Sym
bol
Rating
Unit
Remarks
Min
Max
"L" level average
output current *4
IOLAV1
-
4
mA *9
IOLAV2
-
12
mA *10
"H" level average
output current *4
IOHAV1
-
-4
mA *9
IOHAV2
-
-12
mA *10
143
■Electrical Characteristics
1. Absolute Maximum Ratings
The following note added.
(Correct)
*9: Corresponding pins: General-purpose ports other than those of P103,
P104, P105 and P106.
*10: Corresponding pins: General-purpose ports of P103, P104, P105 and
P106.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com