Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 274 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 274 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 270Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 271Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 274Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 275Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 276Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 277Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 278Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 274 of 280
MB91520 Series
Page
Section
Change Results
187
11. Electrical Characteristics
(8) Low voltage detection
(External low-voltage
detection)
Note of Detection voltage should be added as follows:
(Correct)
Detection voltage *3
*3: The initial detection voltage of the external low voltage detection is 2.8V±8%
(2.576V to 3.024V). This LVD setting cannot be used to reliably generate a reset
before voltage dips below minimum guaranteed MCU operation voltage, as this
detection level is below the minimum guaranteed MCU operation voltage (2.7V).
Below the minimum guaranteed MCU operation voltage, MCU operations are not
guaranteed with the exception of LVD.
188
11. Electrical Characteristics
(9) Low voltage detection
(Internal low-voltage
detection)
The following sentence modified as following:
(Error)
(9) Low voltage detection (RAM retention low-voltage detection)
(Correct)
(9) Low voltage detection (Internal low-voltage detection)
The following symbol should be modified as follows:
(Error)
*
(Correct)
*1
Note of Detection voltage should be added as follows:
(Correct)
Detection voltage *2
*2: The detection voltage of the internal low voltage detection is 0.9V±0.1V. This
LVD cannot be used to reliably generate a reset before voltage dips below
minimum guaranteed MCU operation voltage, as this detection level is below the
minimum guaranteed MCU operation voltage. Below the minimum guaranteed
MCU operation voltage, MCU operations are not guaranteed with the exception
of LVD.
233 to
235
18. Errata
Limitation for Watch mode (power off) should be added in Errata.
Rev *F
222
16. Ordering Information
MB91F52xxxE
The shading part added as below.
Part number
Sub
clock
CSV
Initial
value
LVD
Initial
value
Package*
MB91F526LSEPMC
None
ON
ON
LQP・176 pin,
Plastic
MB91F526LHEPMC
OFF
ON
MB91F526LKEPMC
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com