Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 150 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 150 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 146Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 147Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 150Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 151Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 152Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 153Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 154Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 150 of 280
MB91520 Series
(4) Multi-function Serial
(4-1) CSIO timing
(4-1-1) Bit setting: SMR: MD2 = 0, SMR: MD1 = 1, SMR : MD0 = 0, SMR: SCINV = 0, SCR:SPI = 0
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V±0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle
time
tSCYC
SCK0 to SCK11
-
4tCPP
-
ns
Internal
shift
clock
mode
output pin :
CL = 50 pF
SCK
↓ →
SOT delay time
tSLOVI
SCK0 to SCK2,
SCK5 to SCK11
SOT0 to SOT2,
SOT5 to SOT11
-30
30
ns
SCK3 , SCK4
SOT3 , SOT4
-300
300
ns
Valid SIN
→
SCK
↑ setup time
tIVSHI
SCK0 to SCK2,
SCK5 to SCK11
SIN0 to SIN2,
SIN5 to SIN11
34
-
ns
SCK3 , SCK4
SIN3 , SIN4
300
-
ns
SCK
↑ →
Valid SIN hold time
tSHIXI
SCK0 to SCK11
SIN0 to SIN11
0
-
ns
Serial clock
"H"pulse width
tSHSL
SCK0 to SCK11
-
tCPP+10
-
ns
External
shift
clock
mode
output pin:
CL = 50 pF
Serial clock
"L" pulse width
tSLSH
2tCPP-1
0
-
ns
SCK
↓ →
SOT delay time
tSLOVE
SCK0 to SCK2,
SCK5 to SCK11
SOT0 to SOT2,
SOT5 to SOT11
-
33
ns
SCK3 , SCK4
SOT3 , SOT4
-
300
ns
Valid SIN
→
SCK
↑ setup time
tIVSHE
SCK0 to SCK11
SIN0 to SIN11
10
-
ns
SCK
↑ →
Valid SIN hold time
tSHIXE
20
-
ns
SCK fall time
tF
SCK0 to SCK11
-
5
ns
SCK rise time
tR
SCK0 to SCK11
-
5
ns
Notes:
AC characteristic in CLK synchronized mode.
CL is the load capacitance applied to pins during testing.
The maximum bard rate is limited by internal operation clock used and other parameters. Please use ch.3 and ch.4 with maximum
baud rate 400 kbps or less.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com