Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 147 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 147 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 143Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 144Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 145Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 146Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 147Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 150Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 151Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 147 of 280
MB91520 Series
(3) Power-on Conditions
(3-1) [MB9152xxxB/MB9152xxxC/MB9152xxxD]
(TA: -40 °C to +125 °C, VSS = 0.0 V)
Parameter
Symbol
Pin
Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Level detection
voltage
–
VCC
–
2.024
2.2
2.376
V
Level detection
hysteresis width
–
VCC
–
–
100
–
mV
Level detection time
–
–
–
–
–
30
µs
*1
Power off time
tOFF
VCC
–
50
–
–
ms
*2
Power ramp rate
dV/dt
VCC
VCC:
0.2 V to 2.376 V
–
–
4
mV/µs *3
C pin voltage at
Power-on
–
C
–
–
–
60
mV
*4
*1: This spec is at 4 mV/µs of power ramp rate. If the power ramp rate is faster than 4mV/µs, there is the possibility to
generate or release after the power supply voltage has exceeded the detection voltage range.
*2: Vcc must be held below 0.2 V for a minimum period of tOFF.
*3: Power-on can detect by satisfying power ramp rate when power off time is not satisfied.
*4: C-pin voltage is below 60 mV when VCC is turned on again.
Note:
When using MB91F52xxxB/C, either *2 or *3 or *4 must be satisfied. When neither *2 nor *3 nor *4 can be
satisfied, use MB91F52xxxD and assert external reset (RSTX) at power-up and at any brownout event.
Power off time, Power ramp rate, C pin voltage at Power-on
VCC
tOFF
0.2V
0.2V
dV/dt
C pin
=60mV
≤60mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com