Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 146 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 146 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 142Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 143Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 144Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 145Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 146Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 147Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 150Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 146 of 280
MB91520 Series
(2) Reset Input
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin
Name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RSTX
–
10
–
µs
When normal
operation
Oscillation time of
oscillator* +100
–
µs
At Stop mode
At Power-on*2
100
–
µs
At Watch mode
Width for reset
input removal
1
–
µs
*1: The oscillation time of the oscillator is the time it takes for the amplitude of the oscillations to reach 90 %. For
crystal oscillators, this time is between several ms and several tens of ms, for ceramic oscillators the time is
between several hundred μs and several ms, and for an external clock, the time is 0 ms.
*2: In case of using MB91F52xxxD or MB91F52xxxE and corresponding to note in (3) Power-on Conditions of next
subsection, assert RSTX with power-on.
RSTX
0.2 vcc
0.2 vcc
tRSTL
At Stop mode
0.2 VCC
100
μs
RSTX
X0
90% of
amplitude
Internal operation
clock
Oscillation time
of oscillator
Oscillation stabilization
waiting time
Instruction
execution
Internal reset
0.2 VCC
tRSTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com