Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 72 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 72 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 68Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 69Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 70Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 71Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 72Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 73Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 74Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 75Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 76Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
72
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
10Application Examples
10.1 Example VNC2 Schematic (MCU – UART Interface)
VNC2 can be configured to communicate with a microcontroller using a UART interface. An example of
this is shown in Figure 10.1.
Figure 10.1 VNC2 Schematic (MCU – UART Interface)
NOTES: This sample circuit is not intended to be a complete design. It shows the minimum connections
for a basic VNC2 circuit.
The value of the capacitors connected to the crystal will depend on the
requirements of the crystal. The 5V0_SW power signal assumes proper switching and over-current
detection conform to the USB-IF specifications for a USB host port. The 120uF capacitor should be a low -
ESR type. The value of the ferrite beads may need adjusted for EMI compatibility. Input and output
capacitors for the 3.3V regulator should be chosen according to the datasheet of the selected part. The
VNC2 outputs connect to the MCU inputs and MCU outputs to VNC2 inputs (TXD to RXD and RTS# to
CTS# in each direction).
NOTE for VNC2-48L1B ONLY: With the 48-pin LQFP package, pin 7 is not connected (VREGOUT). The
regulator output has an internal connection to VCCPLLIN to accommodate a migration path from VNC1L
designs. In this case, pin 3 (VCCPLLIN) requires only one 100nF capacitor to ground. All other packages
require the external circuitry shown to connect VREGOUT to VCCPLLIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com