Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 41Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 42Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 43Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 44Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 45Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 46Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 47Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 48Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 49Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
45
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.3.3 Half Duplex, 4 pin
In half duplex mode, the MOSI signal is shared for both Master to Slave and Slave to Master
communications. When using 4 pins, the MISO signal carries the status bits. The Master initiates data
write transfer, this by asserting SS# and then sending out a command byte. This has the same format as
that shown in Figure 6.7. The Slave sends status during this command phase and if this indicates that
the Slave can accept data the Master will follow this up with a byte of write data. If the status continues
to indicate that more data can be written, a whole stream of data can be written following one single
command. The operation completes when the Master raises SS# again. Figure 6.8 is an example of this.
SS#
MISO
MOSI
8 bit CMD
W0
W1
W2
STATUS
STATUS
STATUS
STATUS
Figure 6.8 Half Duplex Data Master Write
Data reads are similar, apart from the MOSI pin changing from Slave input to Slave output after the
command phase. Figure 6.9 is an example. In this diagram, the Master drives the command while the
Slave returns with status. Then the MOSI buffers are turned round and a stream of read data is sent from
the Slave to the Master on the MOSI signal.
SS#
MISO
MOSI
8 bit CMD
R0
R1
R2
STATUS
STATUS
STATUS
STATUS
Master to Slave
Slave to Master
Figure 6.9 Half Duplex Data Master Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com