Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 32Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 33Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 34Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 35Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 36Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 37Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 38Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 39Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
36
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6 Peripheral Interfaces
In addition to the two USB Host and Slave blocks, VNC2 contains the following peripheral interfaces:
Universal Asynchronous Receiver Transmitter (UART)
Two Serial Peripheral Interface (SPI) slaves
SPI Master
Debugger Interface
Parallel FIFO Interface (245 mode and synchronous FIFO mode)
General Purpose Timers
Eight Pulse Width Modulation blocks (PWM)
General Purpose Input Output (GPIO)
The following sections describe each peripheral in detail.
6.1 UART Interface
When the data and control bus are configured in UART mode, the interface implements a standard
asynchronous serial UART port with flow control, for example RS232/422/485. The UART can support
baud rates from 183 baud to 6 Mbaud. The maximum UART speed is determined by the CPU speed/8.The
CPU can be run at three frequencies, therefore the following maximum rates apply:
CPU Frequency
Maximum UART Speed
48 MHz
6 Mbaud
24 MHz
3 Mbaud
12 MHz
1.5 Mbaud
Data transfer uses NRZ (Non-Return to Zero) data format consisting of 1 start bit, 7 or 8 data bits, an
optional parity bit, and one or two stop bits. When transmitting the data bits, the least significant bit is
transmitted first. Transmit and receive waveforms are illustrated in Figure 6.1 and Figure 6.2:
Figure 6.1 UART Receive Waveform
Figure 6.2 UART Transmit Waveform
Baud rate (default =9600 baud), flow control settings (default = RTS/CTS), number of data bits
(default=8), parity (default is no parity) and number of stop bits (default=1) are all configurable using
the firmware command interface. Please refer to http://www.ftdichip.com.
uart_tx_active is transmit enable, this output may be used in RS485 designs to control the transmit of
the line driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com