Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 54 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 54 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 50Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 51Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 52Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 53Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 54Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 55Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 56Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 57Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 58Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
54
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
Name
Type
Description
12, 16,
20, 25,
29, 40,
44, 48,
52, 58,
62
12,16,
21, 32,
36, 42,
46
12, 24,
30
spi_m_mosi
Output
Master Out Slave In
Synchronous data from master to slave
13, 17,
22, 26,
31, 41,
45, 49,
55, 59,
63
13, 18,
22, 33,
37, 43,
47
14, 25,
31
spi_m_miso
Input
Master In Slave Out
Synchronous data from slave to master
14, 18,
23, 27,
32, 42,
46, 50,
56, 60,
64
14, 19,
23, 34,
38, 44,
48
15, 26,
32
spi_m_ss_0#
Output
Active low slave select 0 from master to
slave 0
11, 15,
19, 24,
28, 39,
43, 47,
51, 57,
61
11, 15,
20, 31,
35, 41,
45
11, 23
29
spi_m_ss_1#
Output
Active low slave select 1 from master to
slave 1
Table 6.13 SPI Master Signal Names
The main purpose of the SPI Master block is to transfer data between an external SPI interface and the
VNC2. It does this under the control of the CPU and DMA engine via the on chip I/O bus.
An SPI master interface transfer can only be initiated by the SPI Master and begins with the slave select
signal being asserted. This is followed by a data byte being clocked out with the master supplying SCLK.
The master always supplies the first byte, which is called a command byte. After this the desired number
of data bytes are transferred before the transaction is terminated by the master de -asserting slave
select.
The SPI Master will transmit on MOSI as well as receive on MISO during every data stage. At the end of
each byte spi_tx_done and spi_rx_full_int are set. Figure 6.21 Typical SPI Master Timing and
Table 6.14 SPI Master Timing show an example of this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com