Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 50 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 50 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 46Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 47Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 48Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 49Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 50Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 51Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 52Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 53Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 54Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
50
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
The VNC2 SPI interface uses 4 signal lines: SCLK, SS, MOSI and MISO. The signals MOSI, MISO and SS
are always clocked on the rising edge of the SCLK signal.
SS signal must be raised high for the duration of the entire transaction. For data transactions, the SS
must be released for at least one clock cycle after a transaction has completed. It is not necessary to
release SS between Status Read operations.
The ‘Start’ state of MOSI and SS high on the rising edge of SCLK initiates the transfer. The transfer
finishes after 13 clock cycles, and the next transfer starts when MOSI is high during the rising edge of
CLK.
The following Figure 6.16 and
Table 6.9 give details of the bus timing requirements.
Figure 6.16 SPI Slave Mode Timing
Table 6.9 SPI Slave Data Timing
6.3.6.2 SPI Master Data Read Transaction in VNC1L legacy mode
The SPI master must periodically poll for new data in VNC2 Transmit Buffer. It is recommended that this
is done first before sending any command.
The Start and Setup sequence is sent to VNC2 by the SPI master, see Figure 6.17.
The VNC2 clocks out data from its Transmit Buffer on subsequent rising edge clock cycles provided by the
SPI master. This is followed by a status bit generated by VNC2. The Data Read status bit is defined in
Table 6.10.
If the status bit indicates New Data then the byte received is valid. If it indicates Old Data then the
Transmit Buffer in VNC2 is empty and the byte of data received in the current transaction should be
disregarded.
Time
Description
Minimum
Typical
Maximum
Unit
T1
SCLK period
79.37
83.33
ns
T2
SCLK high period
39.68
41.67
39.68
ns
T3
SCLK low period
39.68
41.67
39.68
ns
T4
SCLK driving edge to
MISO/MOSI
0.5
14
ns
T5
MISO/SS setup time to sample
SCLK edge
3
ns
T6
MISO/SS hold time from sample
SCLK edge
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com