Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 46 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 46 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 42Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 43Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 44Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 45Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 46Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 47Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 48Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 49Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 50Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
46
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
6.3.4 Half Duplex, 3 pin
The 3 pin half duplex mode eliminates the MISO pin from the protocol. This means that status bytes need
to be sent on the MOSI pin. Again the Master initiates a transfer by asserting SS# and sending out a
command byte. The Slave sends status back to the Master. If a write has been requested and the status
indicates that the Slave can accept data, MOSI should be changed to an output again and data will be
sent from Master to Slave.
Following this data, the Slave will send a further status byte if SS# remains active. If the status indicates
that more data can be written, the next data byte can be sent to the Slave and this process continues
until SS# is de-asserted. Figure 6.10 is an example of this:
SS#
MOSI
8 bit CMD
Master to Slave
STATUS
W0
STATUS
W1
Slave to Master
Slave to Master
Master to Slave
Master to Slave
Figure 6.10 Half Duplex 3-pin Data Master Write
Data reads are similar expect that after the command byte all data transfer is from Slave to Master.
Figure 6.11 is an example of this:
SS#
MOSI
8 bit CMD
Master to Slave
STATUS
R0
STATUS
R1
Slave to Master
Figure 6.11 Half Duplex 3-pin Data Master Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com