Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 51 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 51 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 47Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 48Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 49Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 50Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 51Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 52Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 53Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 54Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 55Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
51
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
Status Bit
Meaning
0
New Data
Data in current transaction is valid data.
Byte removed from Transmit Buffer.
1
Old Data
This same data has been read in a previous read cycle.
Repeat the read cycle until New Data is received.
Table 6.10 SPI Master Data Read Status Bit
Figure 6.17 SPI Master Data Read (VNC2 Slave Mode)
The status bit is only valid until the next rising edge of SCLK after the last data bit.
During the Data Read operation the SS signal must not be de-asserted.
The transfer completes after 12 clock cycles and the next transfer can begin when MOSI and SS are high
during the rising edge of SCLK.
6.3.6.3 SPI Master Data Write Transaction in VNC1L legacy mode
During an SPI master Data Write operation the Start and Setup sequence is sent by the SPI master to
VNC2, see Figure 6.18. This is followed by the SPI master transmitting each bit of the data to be written
to VNC2. The VNC2 then responds with a status bit on MISO on the rising edge of the next clock cycle.
The SPI master must read the status bit at the end of each write transaction to determine if the data was
written successfully to VNC2 Receive Buffer. The Data Write status bit is defined in Table 6.11.The
status bit is only valid until the next rising edge of SCLK after the last data bit.
If the status bit indicates Accept then the byte transmitted has been added to VNC2 Receive Buffer. If it
shows Reject then the Receive Buffer is full and the byte of data transmitted in the current transaction
should be re-transmitted by the SPI master to VNC2.
Any application should poll VNC2 Receive Buffer by retrying the Data Write operation until the data is
accepted.
Status Bit
Meaning
0
Accept
Data from the current transaction was accepted and added to the Receive Buffer
1
Reject
Write data was not accepted. Retry the same write cycle.
Table 6.11 SPI Master Data Write Status Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com