Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1DM Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # USB1DM
Description  Vinculum-II Embedded Dual USB Host Controller IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB1DM Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button USB1DM Datasheet HTML 28Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 29Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 30Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 31Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 32Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 33Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 34Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 35Page - Future Technology Devices International Ltd. USB1DM Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
32
C opyright © Future T ec hnology Devic es I nternational Limited
Datasheet
Vinculum-II Embedded Dual USB Host Controller IC
V ers ion 1 .7
Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43
5.4 I/O Mux Group 1
Available Input signals
Available output
signals
64 Pin
Package
Available
pins
48 Pin
Package
Available
pins
32 Pin
Package
Available
pins
uart_rxd
uart_dsr#
fifo_data[1]
fifo_data[5]
spi_s0_mosi
spi_s1_mosi
gpio[A1]
gpio[A5]
gpio[B1]
gpio[B5]
gpio[C1]
gpio[C5]
gpio[D1]
gpio[D5]
gpio[E1]
gpio[E5]
fifo_data[1]
fifo_data[5]
fifo_txe#
pwm[1]
pwm[5]
spi_s0_mosi
spi_s1_mosi
spi_m_mosi
fifo_clkout
gpio[A1]
gpio[A5]
gpio[B1]
gpio[B5]
gpio[C1]
gpio[C5]
gpio[D1]
gpio[D5]
gpio[E1]
gpio[E5]
12, 16,
20, 25,
29, 40,
44, 48,
52, 58,
62
12,16,
21, 32,
36, 42,
46
12, 24,
30
Table 5.3 Group 1
Table 5.3 - Input and output signals that are available for all the IOBUS pins that are in group 1. For
example if using the 64 pin package device this would allow pins 12, 16, 20, 25, 29, 40, 44, 48, 52, 58
and 62 to be configured as either an input signal (listed in the first column) or a output signal (listed in
the second column).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com