Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 214 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 214 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 210Page - ATMEL Corporation PCINT13 Datasheet HTML 211Page - ATMEL Corporation PCINT13 Datasheet HTML 212Page - ATMEL Corporation PCINT13 Datasheet HTML 213Page - ATMEL Corporation PCINT13 Datasheet HTML 214Page - ATMEL Corporation PCINT13 Datasheet HTML 215Page - ATMEL Corporation PCINT13 Datasheet HTML 216Page - ATMEL Corporation PCINT13 Datasheet HTML 217Page - ATMEL Corporation PCINT13 Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 294 page
background image
214
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
However, if the signal is not bipolar by nature (9bits + sign as the 10th bit), this scheme loses
one bit of the converter dynamic range. Then, if the user wants to perform the conversion with
the maximum dynamic range, the user can perform a quick polarity check of the result and use
the unipolar differential conversion with selectable differential input pair. When the polarity
check is performed, it is sufficient to read the MSB of the result (ADC9 in ADCH register). If the
bit is one, the result is negative, and if this bit is zero, the result is positive.
18.9
Temperature Measurement
The temperature measurement is based on an on-chip temperature sensor that is coupled to a
single ended ADC input. MUX[4..0] bits in ADMUX register enables the temperature sensor.
The internal 1.1V voltage reference must also be selected for the ADC voltage reference
source in the temperature sensor measurement. When the temperature sensor is enabled, the
ADC converter can be used in single conversion mode to measure the voltage over the tem-
perature sensor.
The measured voltage has a linear relationship to the temperature as described in Table 18-2.
The voltage sensitivity is approximately 1LSB/°C and the accuracy of the temperature mea-
surement is ±10°C using manufacturing calibration values (TS_GAIN, TS_OFFSET). The
values described in Table 18-2 are typical values. However, due to the process variation the
temperature sensor output varies from one chip to another.
18.9.1
Manufacturing Calibration
Calibration values determined during test are available in the signature row.
The temperature in degrees Celsius can be calculated using the formula:
Where:
a.
ADCH & ADCL are the ADC data registers,
b.
is the temperature sensor gain
c.
TSOFFSET is the temperature sensor offset correction term
TS_GAIN is the unsigned fixed point 8-bit temperature sensor gain factor in
1/128th units stored in the signature row
TS_OFFSET is the signed twos complement temperature sensor offset reading
stored in the signature row. See Table 21-1 on page 232 for signature row
parameter address.
Table 18-2.
Temperature vs. Sensor Output Voltage (Typical Case): Example ADC Values
Temperature/°C
–40°C
+25°C
+85°C
0x00F6
0x0144
0c01B8
T
ADCH
8
«
() ADCL
[]
273
25
TS_OFFSET
–
+
()
–
() 128
×
TS_GAIN
-------------------------------------------------------------------------------------------------------------------------------------------------------
25
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com