Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 186 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 182Page - ATMEL Corporation PCINT13 Datasheet HTML 183Page - ATMEL Corporation PCINT13 Datasheet HTML 184Page - ATMEL Corporation PCINT13 Datasheet HTML 185Page - ATMEL Corporation PCINT13 Datasheet HTML 186Page - ATMEL Corporation PCINT13 Datasheet HTML 187Page - ATMEL Corporation PCINT13 Datasheet HTML 188Page - ATMEL Corporation PCINT13 Datasheet HTML 189Page - ATMEL Corporation PCINT13 Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 294 page
background image
186
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• Bit 0 - LRXOK: Receive Performed Interrupt
This bit generates an interrupt if its respective enable bit - LENRXOK - is set in
LINENIR.
– 0 = No Rx
– 1 = Rx Response complete.
The user clears this bit by writing 1, in order to reset this interrupt.
In UART mode, this bit is also cleared by reading LINDAT.
15.6.3
LIN Enable Interrupt Register - LINENIR
• Bits 7:4 - Reserved Bits
These bits are reserved for future use. For compatibility with future devices, they must be
written to zero when LINENIR is written.
• Bit 3 - LENERR: Enable Error Interrupt
– 0 = Error interrupt masked,
– 1 = Error interrupt enabled.
• Bit 2 - LENIDOK: Enable Identifier Interrupt
– 0 = Identifier interrupt masked,
– 1 = Identifier interrupt enabled.
• Bit 1 - LENTXOK: Enable Transmit Performed Interrupt
– 0 = Transmit performed interrupt masked,
– 1 = Transmit performed interrupt enabled.
• Bit 0 - LENRXOK: Enable Receive Performed Interrupt
– 0 = Receive performed interrupt masked,
– 1 = Receive performed interrupt enabled.
15.6.4
LIN Error Register - LINERR
• Bit 7 - LABORT: Abort Flag
– 0 = No warning,
– 1 = LIN abort command occurred.
This bit is cleared when LERR bit in LINSIR is cleared.
Bit
7
654
3
2
1
0
-
-
-
-
LENERR
LENIDOK
LENTXOK
LENRXOK
LINENIR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
LABORT
LTOERR
LOVERR
LFERR
LSERR
LPERR
LCERR
LBERR
LINERR
Read/Write
RRRRRRRR
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com