Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 176 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 176 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 172Page - ATMEL Corporation PCINT13 Datasheet HTML 173Page - ATMEL Corporation PCINT13 Datasheet HTML 174Page - ATMEL Corporation PCINT13 Datasheet HTML 175Page - ATMEL Corporation PCINT13 Datasheet HTML 176Page - ATMEL Corporation PCINT13 Datasheet HTML 177Page - ATMEL Corporation PCINT13 Datasheet HTML 178Page - ATMEL Corporation PCINT13 Datasheet HTML 179Page - ATMEL Corporation PCINT13 Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 294 page
background image
176
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The re-synchronization implemented in the controller tolerates a clock deviation of ± 20% and
adjusts the baud rate in a ± 2% range.
The new LBT[5..0] value will be used up to the end of the response. Then, the LBT[5..0] will be
reset to 32 for the next header.
The LINBTR register can be used to (software) re-calibrate the clock oscillator.
The re-synchronization is not performed if the LIN node is enabled as a master.
15.5.6.3
Handling LBT[5..0]
LDISR bit of LINBTR register is used to:
• Disable the re-synchronization (for instance in the case of LIN MASTER node),
• To enable the setting of LBT[5..0] (to manually adjust the baud rate especially in the case of
UART mode). A minimum of 8 is required for LBT[5..0] due to the sampling operation.
Note that the LENA bit of LINCR register is important for this handling (see Figure 15-8 on
page 176).
Figure 15-8. Handling LBT[5..0]
15.5.7
Data Length
Section 15.4.6 “LIN Commands” on page 170 describes how to set or how are automatically
set the LRXDL[3..0] or LTXDL[3..0] fields of LINDLR register before receiving or transmitting a
response.
In the case of Tx Response the LRXDL[3..0] will be used by the hardware to count the number
of bytes already successfully sent.
In the case of Rx Response the LTXDL[3..0] will be used by the hardware to count the number
of bytes already successfully received.
If an error occurs, this information is useful to the programmer to recover the LIN messages.
15.5.7.1
Data Length in LIN 2.1
• If LTXDL[3..0]=0 only the CHECKSUM will be sent,
• If LRXDL[3..0]=0 the first byte received will be interpreted as the CHECKSUM,
• If LTXDL[3..0] or LRXDL[3..0] >8, values will be forced to 8 after the command setting and
before sending or receiving of the first byte.
Write in LINBTR register
LENA ?
(LINCR bit 4)
LDISR
to write
=0
=0
=1
LBT[5..0] forced to 0x20
LDISR forced to 0
Enable re-synch. in LIN mode
LBT[5..0] = LBT[5..0] to write
(LBT[5..0]min=8)
LDISR forced to 1
Disable re-synch. in LIN mode
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com