Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 133 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 129Page - ATMEL Corporation PCINT13 Datasheet HTML 130Page - ATMEL Corporation PCINT13 Datasheet HTML 131Page - ATMEL Corporation PCINT13 Datasheet HTML 132Page - ATMEL Corporation PCINT13 Datasheet HTML 133Page - ATMEL Corporation PCINT13 Datasheet HTML 134Page - ATMEL Corporation PCINT13 Datasheet HTML 135Page - ATMEL Corporation PCINT13 Datasheet HTML 136Page - ATMEL Corporation PCINT13 Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 294 page
background image
133
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
In phase and frequency correct PWM mode, the compare units allow generation of PWM
waveforms on the OC1A/B pins. Setting the COM1A/B1:0 bits to two will produce a
non-inverted PWM and an inverted PWM output can be generated by setting the COM1A/B1:0
to three (See Table on page 136). The actual OC1A/B value will only be visible on the port pin
if the data direction for the port pin is set as output (DDR_OC1A/B) and OC1A/Bi is set. The
PWM waveform is generated by setting (or clearing) the OC1A/B Register at the compare
match between OCR1A/B and TCNT1 when the counter increments, and clearing (or setting)
the OC1A/B Register at compare match between OCR1A/B and TCNT1 when the counter
decrements. The PWM frequency for the output when using phase and frequency correct
PWM can be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCR1A/B Register represents special cases when generating a
PWM waveform output in the phase correct PWM mode. If the OCR1A/B is set equal to BOT-
TOM the output will be continuously low and if set equal to TOP the output will be set to high
for non-inverted PWM mode. For inverted PWM the output will have the opposite logic values.
12.10 Timer/Counter Timing Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T1) is therefore shown as a
clock enable signal in the following figures. The figures include information on when interrupt
flags are set, and when the OCR1A/B Register is updated with the OCR1A/B buffer value
(only for modes utilizing double buffering). Figure 12-11 shows a timing diagram for the setting
of OCF1A/B.
Figure 12-11. Timer/Counter Timing Diagram, Setting of OCF1A/B, no Prescaling
Figure 12-12 shows the same timing data, but with the prescaler enabled.
fOCnxPFCPWM
f
clk_I/O
2
NTOP
⋅⋅
---------------------------------
=
clk
Tn
(clk
I/O/1)
OCFnx
clk
I/O
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com