Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 124 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 120Page - ATMEL Corporation PCINT13 Datasheet HTML 121Page - ATMEL Corporation PCINT13 Datasheet HTML 122Page - ATMEL Corporation PCINT13 Datasheet HTML 123Page - ATMEL Corporation PCINT13 Datasheet HTML 124Page - ATMEL Corporation PCINT13 Datasheet HTML 125Page - ATMEL Corporation PCINT13 Datasheet HTML 126Page - ATMEL Corporation PCINT13 Datasheet HTML 127Page - ATMEL Corporation PCINT13 Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 294 page
background image
124
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 12-6 shows a simplified schematic of the logic affected by the COM1A/B1:0 and OCnxi
bit setting. The I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the
parts of the general I/O port control registers (DDR and PORT) that are affected by the
COM1A/B1:0 and OCnxi bits are shown. When referring to the OC1A/B state, the reference is
for the internal OC1A/B Register, not the OC1A/Bi pin. If a system reset occur, the OC1A/B
Register is reset to “0”.
Figure 12-5. Compare Match Output
19 PB1 / OC1BU
DDB1
PINB1
1
0
PORTB1
OC1BU(
*)
(*) OC1xi: TCCR1D register bit
17 PB3 / OC1BV
DDB3
1
0
PORTB3
COM1B0
COM1B1
OC1BV(
*)
13 PB5 / OC1BW
DDB5
1
0
PORTB5
COM1A0
COM1A1
OCF1A
OC1BW(
*)
PINB3
PINB5
11 PB7 / OC1BX
DDB7
1
0
PORTB7
OC1BX(
*)
PINB7
Waveform
Generation
Waveform
Generation
WGM13
FOC1B
Top
Bottom
FOC1A
WGM12
WGM11
WGM10
12 PB6 / OC1AX
DDB6
1
0
PORTB6
OC1AX(
*)
PINB6
14 PB4 / OC1AW
DDB4
1
0
PORTB4
OC1AW(
*)
PINB4
18 PB2 / OC1AV
DDB2
1
0
PORTB2
OC1AV(
*)
PINB2
20 PB0 / OC1AU
DDB0
1
0
PORTB0
OC1AU(
*)
PINB0
Count
Clear
TCNT1
16-bit Counter
=
Direction
OCR1A
16-bit Register
=
OCR1B
16-bit Register
OCF1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com