Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 119 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 119 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 115Page - ATMEL Corporation PCINT13 Datasheet HTML 116Page - ATMEL Corporation PCINT13 Datasheet HTML 117Page - ATMEL Corporation PCINT13 Datasheet HTML 118Page - ATMEL Corporation PCINT13 Datasheet HTML 119Page - ATMEL Corporation PCINT13 Datasheet HTML 120Page - ATMEL Corporation PCINT13 Datasheet HTML 121Page - ATMEL Corporation PCINT13 Datasheet HTML 122Page - ATMEL Corporation PCINT13 Datasheet HTML 123Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 294 page
background image
119
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
12.5
Counter Unit
The main part of the 16-bit Timer/Counter is the programmable 16-bit bi-directional counter
unit. Figure 12-2 shows a block diagram of the counter and its surroundings.
Figure 12-2. Counter Unit Block Diagram
Signal description (internal signals):
Count
Increment or decrement TCNT1 by 1.
Direction
Select between increment and decrement.
Clear
Clear TCNT1 (set all bits to zero).
clk
T1
Timer/Counter clock.
TOP
Signalize that TCNT1 has reached maximum value.
BOTTOM
Signalize that TCNT1 has reached minimum value (zero).
The 16-bit counter is mapped into two 8-bit I/O memory locations: Counter High (TCNT1H)
containing the upper eight bits of the counter, and Counter Low (TCNT1L) containing the lower
eight bits. The TCNT1H Register can only be indirectly accessed by the CPU. When the CPU
does an access to the TCNT1H I/O location, the CPU accesses the high byte temporary regis-
ter (TEMP). The temporary register is updated with the TCNT1H value when the TCNT1L is
read, and TCNT1H is updated with the temporary register value when TCNT1L is written. This
allows the CPU to read or write the entire 16-bit counter value within one clock cycle via the
8-bit data bus. It is important to notice that there are special cases of writing to the TCNT1
Register when the counter is counting that will give unpredictable results. The special cases
are described in the sections where they are of importance.
Depending on the mode of operation used, the counter is cleared, incremented, or decre-
mented at each timer clock (clk
T1). The clkT1 can be generated from an external or internal
clock source, selected by the Clock Select bits (CS12:0). When no clock source is selected
(CS12:0 = 0) the timer is stopped. However, the TCNT1 value can be accessed by the CPU,
independent of whether clk
T1 is present or not. A CPU write overrides (has priority over) all
counter clear or count operations.
The counting sequence is determined by the setting of the Waveform Generation mode bits
(WGM13:0) located in the Timer/Counter Control Registers A and B (TCCR1A and TCCR1B).
There are close connections between how the counter behaves (counts) and how waveforms
are generated on the Output Compare outputs OC1A/B. For more details about advanced
counting sequences and waveform generation, see “Modes of Operation” on page 125.
TEMP (8-bit)
DATA BUS (8-bit)
TCNTn (16-bit Counter)
TCNTnH (8-bit)
TCNTnL (8-bit)
Control Logic
Count
Clear
Direction
TOVn
(Int.Req.)
Clock Select
TOP
BOTTOM
Tn
Edge
Detector
( From Prescaler )
clk
Tn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com