Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT13 Datasheet(PDF) 112 Page - ATMEL Corporation

Part # PCINT13
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT13 Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button PCINT13 Datasheet HTML 108Page - ATMEL Corporation PCINT13 Datasheet HTML 109Page - ATMEL Corporation PCINT13 Datasheet HTML 110Page - ATMEL Corporation PCINT13 Datasheet HTML 111Page - ATMEL Corporation PCINT13 Datasheet HTML 112Page - ATMEL Corporation PCINT13 Datasheet HTML 113Page - ATMEL Corporation PCINT13 Datasheet HTML 114Page - ATMEL Corporation PCINT13 Datasheet HTML 115Page - ATMEL Corporation PCINT13 Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 294 page
background image
112
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
11.2
Timer/Counter1 Prescalers Register Description
11.2.1
General Timer/Counter Control Register – GTCCR
• Bit 7 – TSM: Timer/Counter Synchronization Mode
Writing the TSM bit to one activates the Timer/Counter Synchronization mode. In this mode,
the value that is written to the PSR0 and PSR1 bits is kept, hence keeping the corresponding
prescaler reset signals asserted. This ensures that the corresponding Timer/Counters are
halted and can be configured to the same value without the risk of one of them advancing dur-
ing configuration. When the TSM bit is written to zero, the PSR0 and PSR1 bits are cleared by
hardware, and the Timer/Counters start counting simultaneously.
• Bit 0 – PSR1: Prescaler Reset Timer/Counter1
When this bit is one, Timer/Counter1 prescaler will be reset. This bit is normally cleared imme-
diately by hardware, except if the TSM bit is set.
Bit
7
6
5
4
3
2
1
0
TSM
–
–
–
–
–
PSR0
PSR1
GTCCR
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com