Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 93Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 94Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 95Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 96Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 98Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 240 page
background image
EM351 / EM357
SC_UART2STP selects the number of stop bits in transmitted characters. (Only one stop bit is required in
received characters.) If this bit is clear, characters are transmitted with one stop bit; if set, characters are
transmitted with two stop bits.
SC_UARTPAR controls whether or not received and transmitted characters include a parity bit. If
SC_UARTPAR is clear, characters do not contain a parity bit, otherwise, characters do contain a parity bit.
SC_UARTODD specifies whether transmitted and received parity bits contain odd or even parity. If this bit
is clear, the parity bit is even, and if set, the parity bit is odd. Even parity is the exclusive-or of all of the
data bits, and odd parity is the inverse of the even parity value. SC_UARTODD has no effect if SC_UARTPAR
is clear.
A UART character frame contains, in sequence:
The start bit
The least significant data bit
The remaining data bits
If parity is enabled, the parity bit
The stop bit, or bits, if 2 stop bits are selected.
Figure 8-3 shows the UART character frame format, with optional bits indicated. Depending on the options
chosen for the character frame, the length of a character frame ranges from 9 to 12 bit times.
Note that asynchronous serial data may have arbitrarily long idle periods between characters. When idle,
serial data (TXD or RXD) is held in the high state. Serial data transitions to the low state in the start bit at the
beginning of a character frame.
Figure 8-3. UART Character Frame Format
Idle time
Start
Bit
Data
Bit 0
Data
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
Bit 7
Parity
Bit
Stop
Bit
Stop
Bit
Next
Start Bit
or
IdleTime
UART Character Frame Format
(optional sections are in italics)
TXD
or
RXD
8.6.3
FIFOs
Characters transmitted and received by the UART are buffered in the transmit and receive FIFOs that are both
4 entries deep (see Figure 8-4). When software writes a character to the SC1_DATA register, it is pushed onto
the transmit FIFO. Similarly, when software reads from the SC1_DATA register, the character returned is
pulled from the receive FIFO. If the transmit and receive DMA channels are used, the DMA channels also write
to and read from the transmit and receive FIFOs.
Figure 8-4. UART FIFOs
8-26
120-035X-000D
Preliminary
Receive Shift Register
SC1_DATA (read)
Transmit Shift Register
SC1_DATA (write)
RXD
TXD
Parity/Frame Errors
SC1_UARTSTAT
CPU and DMA
Channel Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com