Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 43Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 44Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 45Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 46Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 47Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 48Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 49Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 50Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 240 page
background image
EM351 / EM357
6.5.2
Basic Sleep Modes
The power management state diagram in Figure 6-3 shows the basic operation of the power management
controller.
Figure 6-3. Power Management State Diagram
In normal operation an application may request one of two low power modes through program execution:
Idle Sleep is achieved by executing a WFI instruction while the SLEEPDEEP bit in the Cortex System Control
register (SCS_SCR) is clear. This puts the CPU into an idle state where execution is suspended until an
interrupt occurs. This is indicated by the state at the bottom of the diagram. Power is maintained to the
core logic of the EM35x during the Idle Sleeping state.
Deep sleep is achieved by executing a WFI instruction with the SLEEPDEEP bit in SCS_SCR set. This triggers
the state transitions around the main loop of the diagram, resulting in powering down the EM35x’s core
logic, and leaving only the always-on domain powered. Wake up is triggered when one of the pre-
determined events occurs.
If a deep sleep is requested the EM35x first enters a pre-deep sleep state. This state prevents any section of
the chip from being powered off or reset until the SWJ goes idle (by clearing CSYSPWRUPREQ). This pre-deep
sleep state ensures debug operations are not interrupted.
In the deep sleep state the EM35x waits for a wake up event which will return it to the running state. In
powering up the core logic the ARM
® CortexTM-M3 is put through a reset cycle and Ember software restores the
stack and application state to the point where deep sleep was invoked.
6-12
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com