Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 45Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 46Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 47Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 48Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 49Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 50Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 51Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 52Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 240 page
background image
EM351 / EM357
6-14
120-035X-000D
Preliminary
6.5.5
Registers
PERIPHERAL_DISABLE
Peripheral Disable Register
Address: 0x40004038 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
PERIDIS_RSVD
PERIDIS_ADC
PERIDIS_TIM2
PERIDIS_TIM1
PERIDIS_SC1
PERIDIS_SC2
Bitname
Bitfield
Access
Description
PERIDIS_RSVD
[5]
RW
Reserved: this bit can change during normal operation. When writing to
PERIPHERAL_DISABLE, the value of this bit must be preserved.
PERIDIS_ADC
[4]
RW
Disable the clock to the ADC peripheral.
PERIDIS_TIM2
[3]
RW
Disable the clock to the TIM2 peripheral.
PERIDIS_TIM1
[2]
RW
Disable the clock to the TIM1 peripheral.
PERIDIS_SC1
[1]
RW
Disable the clock to the SC1 peripheral.
PERIDIS_SC2
[0]
RW
Disable the clock to the SC2 peripheral.
6.6
Security Accelerator
The EM35x contains a hardware AES encryption engine accessible from the ARM
® CortexTM-M3. NIST-based
CCM, CCM*, CBC-MAC, and CTR modes are implemented in hardware. These modes are described in the IEEE
802.15.4-2003 specification, with the exception of CCM*, which is described in the ZigBee Security Services
Specification 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com