Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 83Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 84Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 85Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 86Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 87Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 88Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 89Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 90Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 240 page
background image
EM351 / EM357
The SPI slave controller supports various frame formats depending upon the clock polarity (SC_SPIPOL), clock
phase (SC_SPIPHA), and direction of data (SC_SPIORD) (see Table 8-6). The SC_SPIPOL, SC_SPIPHA, and
SC_SPIORD bits are defined within the SCx_SPICFG registers.
Table 8-6. SPI Slave Formats
SCx_SPICFG
SC_SPIxxx
1
MST ORD PHA POL
Frame Format
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
-
-
Same as above except LSB first instead of MSB first
1 The notation xxx means that the corresponding column header below is inserted to form the field name.
8.4.3
Operation
When the slave select (nSSEL) signal is asserted by the master, SPI transmit data is driven to the output pin
MISO, and SPI data is received from the input pin MOSI. The nSSEL pin has to be asserted to enable the
transmit serializer to drive data to the output signal MISO. A falling edge on nSSEL resets the SPI slave shift
registers.
Characters transmitted and received by the SPI slave controller are buffered in the transmit and receive FIFOs
that are both 4 entries deep. When software writes a character to the SCx_DATA register, it is pushed onto
the transmit FIFO. Similarly, when software reads from the SCx_DATA register, the character returned is
pulled from the receive FIFO. If the transmit and receive DMA channels are used, the DMA channels also write
to and read from the transmit and receive FIFOs.
Characters received are stored in the receive FIFO. Receiving characters sets the SC_SPIRXVAL bit in the
SCx_SPISTAT register, to indicate that characters can be read from the receive FIFO. Characters received
while the receive FIFO is full are dropped, and the SC_SPIRXOVF bit in the SCx_SPISTAT register is set. The
receive FIFO hardware generates the INT_SCRXOVF interrupt, but the DMA register will not indicate the error
8-16
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com