| Electronic Components Datasheet Search |
|
EM351-RTR Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 240 page ![]() EM351 / EM357 1-6 120-035X-000D Preliminary Pin # Signal Direction Description TRACEDATA3 O Synchronous CPU trace data bit 3 Select 4-wire synchronous trace interface in ARM core Enable trace interface in ARM core Select alternate output function with GPIO_PACFGH[7:4] 28 VDD_PADS Power Pads supply (2.1-3.6 V) PA6 I/O High current Digital I/O TIM1C3 O Timer 1 channel 3 output Enable timer output in TIM1_CCER Select alternate output function with GPIO_PACFGH[11:8] 29 TIM1C3 I Timer 1 channel 3 input Cannot be remapped PB1 I/O Digital I/O SC1MISO O SPI slave data out of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select SPI with SC1_MODE Select slave with SC1_SPICR Select alternate output function with GPIO_PBCFGL[7:4] SC1MOSI O SPI master data out of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select SPI with SC1_MODE Select master with SC1_SPICR Select alternate output function with GPIO_PBCFGL[7:4] SC1SDA I/O TWI data of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select TWI with SC1_MODE Select alternate open-drain output function with GPIO_PBCFGL[7:4] SC1TXD O UART transmit data of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[4] Select UART with SC1_MODE Select alternate output function with GPIO_PBCFGL[7:4] TIM2C1 (see also Pin 21) O Timer 2 channel 1 output Enable remap with TIM2_OR[4] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[7:4] 30 TIM2C1 (see also Pin 21) I Timer 2 channel 1 input Disable remap with TIM2_OR[4] PB2 I/O Digital I/O 31 SC1MISO I SPI master data in of Serial Controller 1 Select SPI with SC1_MODE Select master with SC1_SPICR |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |