Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 68Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 69Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 70Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 71Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 72Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 73Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 74Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 75Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 240 page
background image
EM351 / EM357
8
Serial Controllers
8.1
Overview
The EM35x has two serial controllers, SC1 and SC2, which provide several options for full-duplex synchronous
and asynchronous serial communications.
SPI (Serial Peripheral Interface), master or slave
TWI (Two Wire serial Interface), master only
UART (Universal Asynchronous Receiver/Transmitter), SC1 only
Receive and transmit FIFOs and DMA channels, SPI and UART modes
Receive and transmit FIFOs allow faster data speeds using byte-at-a-time interrupts. For the highest SPI and
UART speeds, dedicated receive and transmit DMA channels reduce CPU loading and extend the allowable time
to service a serial controller interrupt. Polled operation is also possible using direct access to the serial data
registers. Figure 8-1 shows the components of the serial controllers.
Note:
The notation SCx means that either SC1 or SC2 may be substituted to form the name of a specific
register or field within a register.
Figure 8-1. Serial Controller Block Diagram
SC1_UARTSTAT
SCx_SPISTAT
SCx_SPICFG
SCx_TWISTAT
SCx_TWICTRL1
SCx_TWICTRL2
SCx_RATELIN/EXP
SC1_UARTPER/FRAC
Baud Generator
Clock Generator
UART
Controller
TWI Master
Controller
SCx_DATA
SPI Master
Controller
UART
SPI
TWI
OFF
SCx_MODE
0
1
2
3
nRTS
nCTS
SCLK
MOSI
MISO
SDA
TXD
RXD
RX-FIFO
TX-FIFO
SCx_TX/RXBEGA/B
SCx_RXCNTA/B
SCx_TXCNT
SCx_DMASTAT
SCx_DMACTRL
SCx_RXERRA/B
DMA
Controller
SCL
INT_SCxFLAG
INT_SCxCFG
SC1_UARTCFG
SCx Interrupt
SCx TX DMA
channel
SCx RX DMA
channel
SCx_TX/RXENDA/B
SPI Slave
Controller
nSSEL
SCx_RXCNTSAVED
SC1
only
8-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com