Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM351-RTR Datasheet(PDF) 101 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 101 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 97Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 98Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 99Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 100Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 101Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 102Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 103Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 104Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 105Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 240 page
background image
EM351 / EM357
SC1_UARTCFG
UART Configuration Register
Address: 0x4000C85C Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
SC_UARTAUTO
SC_UARTFLOW
SC_UARTODD
SC_UARTPAR
SC_UART2STP
SC_UART8BIT
SC_UARTRTS
Bitname
Bitfield
Access
Description
SC_UARTAUTO
[6]
RW
Set this bit to enable automatic nRTS control by hardware (SC_UARTFLOW must also be
set). When automatic control is enabled, nRTS will be deasserted when the receive FIFO
has space for only one more byte (inhibits transmission from the other device) and will be
asserted if it has space for more than one byte (enables transmission from the other
device). The SC_UARTRTS bit in this register has no effect if this bit is set.
SC_UARTFLOW
[5]
RW
Set this bit to enable using nRTS/nCTS flow control signals. Clear this bit to disable the
signals. When this bit is clear, the UART transmitter will not be inhibited by nCTS.
SC_UARTODD
[4]
RW
If parity is enabled, specifies the kind of parity.
0: Even parity.
1: Odd parity.
SC_UARTPAR
[3]
RW
Specifies whether to use parity bits.
0: Don't use parity.
1: Use parity.
SC_UART2STP
[2]
RW
Number of stop bits transmitted.
0: 1 stop bit.
1: 2 stop bits.
SC_UART8BIT
[1]
RW
Number of data bits.
0: 7 data bits.
1: 8 data bits.
SC_UARTRTS
[0]
RW
nRTS is an output to control the flow of serial data sent to the EM35x from another
device. This bit directly controls the output at the nRTS pin (SC_UARTFLOW must be set
and SC_UARTAUTO must be cleared). When this bit is set, nRTS is asserted (pin is low,
'XON', RS232 positive voltage); the other device's transmission is enabled. When this bit is
cleared, nRTS is deasserted (pin is high, 'XOFF', RS232 negative voltage), the other
device's transmission is inhibited.
8-30
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com